Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AL1663

  • AI
    ## Overview of the AL1663 The **AL1663** is a high-performance, single-stage LED driver designed by Diodes Incorporated. It is specifically engineered for flyback and buck-boost topologies, focusing on providing high Power Factor Correction (PFC) and high-accuracy Constant Current (CC) control for LED lighting applications. --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Topology** | Flyback / Buck-Boost | | **Control Mode** | Primary Side Regulation (PSR) | | **PFC Capability** | High Power Factor (>0.9) | | **THD** | Low Total Harmonic Distortion (<20%) | | **Dimming Support** | 0-10V, PWM, and Resistor dimming | | **Current Accuracy** | ±3% (typical) | | **Package** | SO-8 | --- ### Internal Electronic Components & Architecture The AL1663 integrates several sophisticated blocks to manage power efficiently without needing an optocoupler: 1. **Primary Side Regulation (PSR):** It senses the output current and voltage from the primary side of the transformer. This eliminates the need for a secondary feedback circuit (optocoupler and TL431), reducing part count and increasing reliability. 2. **Valley Switching (QR Mode):** The chip operates in Quasi-Resonant (QR) mode. It waits for the "valley" of the MOSFET's drain-source voltage before switching on, which minimizes switching losses and reduces Electromagnetic Interference (EMI). 3. **High-Voltage Internal JFET:** Many versions feature internal startup circuitry that allows the chip to start quickly using the high-voltage bus, then transition to a lower-voltage auxiliary winding for power. 4. **Error Amplifier and Multiplier:** Includes a high-precision internal reference and a multiplier to ensure the input current follows the input voltage waveform, achieving high PFC. --- ### Pin Configuration and Functionality | Pin Name | Description | | :--- | :--- | | **FB** | Feedback pin. Senses the output voltage and zero-current detection. | | **CS** | Current Sense. Connects to a sense resistor to monitor primary peak current. | | **DIM** | Dimming input. Accepts 0-10V or PWM signals to adjust brightness. | | **GATE** | Output drive. Connects to the gate of the external N-channel MOSFET. | | **VCC** | Power supply pin for the IC. | | **COMP** | Compensation pin. Connects to a capacitor to stabilize the control loop. | --- ### Protection Features To ensure long-term reliability in lighting fixtures, the AL1663 includes several built-in protections: * **Output Over-Voltage Protection (OVP):** Prevents damage if the LED string is disconnected (Open Load). * **Output Short-Circuit Protection (SCP):** Reduces power if the output is shorted. * **Over-Temperature Protection (OTP):** Shuts down the IC if the silicon temperature exceeds a safe threshold. * **Cycle-by-Cycle Current Limiting:** Protects the external MOSFET from saturation. --- ### Typical Application Circuit The AL1663 is typically used in LED bulbs, downlights, and tube lamps where high efficiency and a slim form factor are required. Because it removes the need for secondary feedback components, it is ideal for space-constrained designs.
    ✨ Follow-up Questions
    • ⤷ How does the AL1663 achieve high power factor without an optocoupler?
    • ⤷ What are the differences between using the AL1663 in flyback versus buck-boost topology?
    • ⤷ Can the AL1663 be used for Triac dimming applications?