Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALCT-132-R

  • AI
    The **ALCT-132-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These switches are designed for human-interface applications where space is limited but tactile feedback is required. --- ### 1. Technical Specifications Below are the typical electrical and mechanical parameters for this component: | Parameter | Value/Range | | :--- | :--- | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Circuitry** | Normally Open (NO) | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Actuation Force** | 160gf to 260gf (varies by sub-model) | | **Operating Life** | 100,000 to 500,000 cycles | | **Mounting Type** | SMD / SMT (Surface Mount) | --- ### 2. Physical Characteristics The "R" in the part number often indicates **Tape and Reel** packaging, which is essential for automated pick-and-place assembly machines. * **Low Profile:** The height of the switch is minimized (usually around 1.5mm to 2.5mm) to fit inside slim consumer electronics. * **Tactile Feedback:** Provides a "clicky" feel to ensure the user knows the button has been successfully pressed. * **Terminal Plating:** Usually Silver or Gold plated to ensure high conductivity and corrosion resistance. --- ### 3. Common Applications Due to its small footprint and reliability, the ALCT-132-R is found in various sectors: 1. **Consumer Electronics:** Handheld gaming devices, remote controls, and digital cameras. 2. **Wearables:** Smartwatches and fitness trackers where internal space is extremely restricted. 3. **Communication:** Mobile phones and portable radios. 4. **Medical Devices:** Portable monitors and handheld diagnostic tools. --- ### 4. Circuit Diagram Representation In an electronic schematic, the ALCT-132-R is represented as a simple momentary push-button: ```text [Terminal 1] ----\ ---- [Terminal 2] \ (Switch Leaf) [Terminal 3] ----/ ---- [Terminal 4] ``` *Note: In many 4-pin tactile switches, pins 1-2 and 3-4 are internally connected.*
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the ALCT-132-R?
    • ⤷ Can this switch be used in high-voltage AC applications?
    • ⤷ What are the recommended reflow soldering profiles for this SMT part?