Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALCT-511-R

  • AI
    The **ALCT-511-R** is a specific model of an electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or a **Common Mode Choke**, often utilized in power management and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "R" suffix often denotes "RoHS Compliance" or "Tape and Reel" packaging, depending on the manufacturer (commonly associated with brands like *Advanced Logistics* or specific power electronic suppliers). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Inductance** | Varies by specific sub-series (typically µH range) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Powdered Iron | | **Operating Temperature** | -40°C to +125°C (Industrial Grade) | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Physical Construction The ALCT-511-R is designed for high-density PCB layouts. Its internal structure usually consists of: * **Winding:** Copper wire wound around a magnetic core. * **Shielding:** Most "ALCT" series parts are **magnetically shielded** to prevent Electromagnetic Interference (EMI) with neighboring components. * **Base:** A high-temperature plastic or ceramic base with metalized pads for soldering. --- ### 3. Electronic Functions The part performs three primary roles within a circuit: 1. **Energy Storage:** In DC-DC converters, it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise. 3. **Impedance Matching:** Used in signal lines to ensure maximum power transfer and minimal reflection. --- ### 4. Typical Applications You will commonly find the ALCT-511-R in the following devices: * **Laptop & Desktop Motherboards:** Used in Voltage Regulator Modules (VRM). * **Telecommunications:** Signal conditioning in routers and switches. * **LED Drivers:** Smoothing current for stable lighting output. * **Automotive Electronics:** Power filtering for infotainment systems. --- ### 5. Identification and Marking When looking at the physical part: * **Top Marking:** Often shows "511" which represents the inductance value (51 x 10^1 = 510 µH, though this depends on the specific manufacturer's coding). * **Footprint:** Ensure the PCB pad layout matches the datasheet dimensions (e.g., 5.0mm x 5.0mm or 7.0mm x 7.0mm).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the ALCT-511-R in microhenries?
    • ⤷ Can you provide the footprint dimensions for PCB layout?
    • ⤷ What are the equivalent alternative parts for this inductor?