Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALM-32-R

  • AI
    The **ALM-32-R** is an Electronic Control Unit (ECU) / Display Module typically used in heavy machinery and industrial applications, particularly associated with **Ammann** compaction equipment. It serves as the central interface between the operator and the machine's electronic sensors and actuators. --- ### Core Electronic Components and Functions The device is composed of several critical electronic subsystems: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | High-performance embedded processor. | Processes sensor data, executes control logic, and manages the CAN bus. | | **Display Interface** | LCD or LED segments with backlight. | Provides real-time feedback on engine RPM, temperature, and error codes. | | **CAN-Bus Transceiver** | ISO 11898 compliant interface. | Allows the module to communicate with the Engine ECU and other peripherals. | | **Power Regulation** | DC-DC converters and voltage regulators. | Steps down vehicle battery voltage (12V/24V) to internal logic levels (3.3V/5V). | | **I/O Circuitry** | Digital and Analog inputs/outputs. | Reads switches, sensors (NTC/PTC), and drives relays or solenoids. | --- ### Technical Specifications The ALM-32-R is designed to withstand harsh industrial environments. Key specifications typically include: * **Operating Voltage:** 9V to 32V DC (compatible with 12V and 24V systems). * **Ingress Protection:** Usually **IP67**, meaning it is dust-tight and protected against water immersion. * **Communication Protocol:** J1939 (standard for heavy-duty vehicle diagnostics). * **Connector Type:** High-density multi-pin automotive connector (e.g., Deutsch or AMP). ### Common Electronic Failures When diagnosing or repairing an ALM-32-R, technicians often look for: 1. **Solder Fatigue:** Cracks in surface-mount components due to high vibration. 2. **Voltage Spikes:** Damage to the input protection diodes caused by "jump-starting" the machine incorrectly. 3. **Corrosion:** Moisture ingress at the pin header leading to signal degradation. --- ### Wiring Interface Overview | Pin Group | Signal Type | Connectivity | | :--- | :--- | :--- | | **Power Pins** | VCC / GND | Connection to Battery and Chassis Ground. | | **Bus Pins** | CAN High / CAN Low | Connection to the machine's diagnostic network. | | **Sensor Pins** | Analog In | Input from fuel level, oil pressure, or temperature sensors. |
    ✨ Follow-up Questions
    • ⤷ How do I perform a factory reset on an ALM-32-R module?
    • ⤷ What are the common error codes displayed on the ALM-32-R interface?
    • ⤷ Can the ALM-32-R be programmed using standard OBD-II tools?