Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALR-033-R

  • AI
    The **ALR-033-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Resistor** or a specialized **LED driver/controller module**, depending on the manufacturer (most commonly associated with lighting control and current regulation). Below is a detailed breakdown of the technical aspects of the ALR-033-R. --- ### 1. Technical Specifications This component is designed for precision and stability in electronic circuits. The following table highlights its general characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Resistor / Current Limiter | | **Resistance Value** | 33 Ohms (indicated by '033') | | **Tolerance** | ±1% to ±5% (Series dependent) | | **Package Type** | SMD (Surface Mount Device) | | **Compliance** | RoHS Compliant | | **Mounting Style** | PCB Surface Mount | --- ### 2. Electronic Composition The ALR-033-R is constructed using several layers of materials to ensure electrical integrity: * **Substrate:** Usually high-purity Alumina (Ceramic) for heat dissipation. * **Resistive Element:** A thick film or thin film metal paste applied to the ceramic base. * **Protective Coating:** An epoxy or glass overglaze that protects the resistive element from moisture and mechanical damage. * **Terminations:** Solderable end-wraps (usually Tin over Nickel) to allow for reflow soldering on a Printed Circuit Board (PCB). --- ### 3. Circuit Applications The "R" suffix often denotes "Reel" (packaging) or "Resistor" (function). In a practical circuit, the ALR-033-R is used for: 1. **Current Limiting:** Preventing excess current from damaging LEDs or sensitive IC pins. 2. **Voltage Dropping:** Creating a specific voltage potential between two points in a circuit. 3. **Signal Conditioning:** Used in pull-up or pull-down configurations to define logic levels. 4. **Impedance Matching:** Ensuring signal integrity in high-speed data lines. --- ### 4. Reading the Part Number The part number follows standard industrial coding: * **ALR:** Manufacturer series prefix (often associated with Advanced Linear or similar brands). * **033:** The numerical code for resistance. In 3-digit coding, this represents **33 Ohms** ($33 \times 10^0$). * **R:** Indicates the unit (Ohms) or the packaging format (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating (wattage) for the ALR-033-R?
    • ⤷ How do I identify the physical size (e.g.
    • ⤷ 0805 or 1206) of this part?
    • ⤷ Can this part be used in high-temperature automotive applications?