Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALSP-143-R

  • AI
    ## Analysis of the ALSP-143-R The **ALSP-143-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are essential in power management circuits for filtering, energy storage, and noise suppression. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Abracon** or similar specialized magnetics producers), the "143" series generally refers to the physical dimensions and inductance range. | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Surface Mount Power Inductor | | **Inductance Range** | Typically measured in microhenries (µH) | | **Form Factor** | Low profile, square or rectangular SMD package | | **Shielding** | Magnetically shielded (reduces EMI) | | **Operating Temp** | -40°C to +125°C (Standard Industrial Grade) | | **Reflow Soldering** | Compatible with J-STD-020D standards | --- ### 2. Core Electronic Functions The ALSP-143-R performs several critical roles within an electronic assembly: * **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. * **Filtering (Ripple Reduction):** It smooths out the output current from switching power supplies to provide a stable DC voltage to sensitive components like CPUs or FPGAs. * **EMI Suppression:** Due to its **shielded construction**, it prevents electromagnetic interference from leaking out and affecting nearby high-speed signal traces. --- ### 3. Physical Construction & Materials Understanding the physical build helps in diagnosing heat and efficiency issues: 1. **Core Material:** Usually a Ferrite or Metal Alloy powder core. Metal alloy cores offer better saturation characteristics (they don't "drop" inductance suddenly when current increases). 2. **Terminations:** The "-R" suffix often indicates **RoHS Compliance** (Lead-free), utilizing tin (Sn) plating over a copper base for reliable soldering. 3. **Winding:** High-purity copper wire wound to minimize DC Resistance (DCR), which reduces heat loss (I²R losses). --- ### 4. Common Applications * **Mobile Devices:** Power modules for smartphones and tablets. * **Computing:** VRM (Voltage Regulator Modules) for laptops and servers. * **Automotive:** Infotainment systems and LED lighting drivers. * **Industrial:** DC-DC converter bricks and distributed power systems. --- ### 5. Selection Considerations When replacing or designing with the ALSP-143-R, pay attention to these parameters: * **DCR (Direct Current Resistance):** Lower is better for efficiency. * **Isat (Saturation Current):** The current at which the inductance drops by a specified percentage (usually 20-30%). * **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C).
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (length x width) for the 143 package size?
    • ⤷ How does a shielded inductor like the ALSP-143-R compare to a non-shielded version?
    • ⤷ What is the typical saturation current for this specific series?