Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALSP-223-R

  • AI
    ### ALSP-223-R: Electronic Component Overview The **ALSP-223-R** is a specific electronic component typically identified as a **Micro-Switch** or **Tactile Push-Button Switch**, often manufactured by companies like *ALPS Alpine* or similar electronic component providers. These parts are fundamental in user interface hardware. --- ### Technical Specifications | Parameter | Common Specification | | :--- | :--- | | **Type** | Momentary Push Button (Tactile) | | **Circuit Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | Typically 1.6N to 2.5N (varies by sub-series) | | **Mounting Type** | Through-hole or SMD (Surface Mount) | | **Voltage Rating** | 12V DC - 50V DC (Maximum) | | **Current Rating** | 50mA | | **Travel Distance** | ~0.25mm to 0.3mm | --- ### Key Electronic Features 1. **Tactile Feedback**: The "Tact" nature of the switch provides a physical "click" sensation when pressed, letting the user know the contact has been made. 2. **Contact Resistance**: Low initial contact resistance (usually <100mΩ) ensures signal integrity for low-voltage logic circuits. 3. **Durability**: These switches are rated for a high number of cycles, often ranging from 100,000 to 1,000,000 operations. 4. **Pin Configuration**: Usually features 2 or 4 pins. In a 4-pin configuration, the pins are often internally connected in pairs to provide mechanical stability on the PCB. --- ### Internal Circuit Logic The switch operates as a "Normally Open" (NO) component. When the plunger is depressed, it bridges the gap between the terminals. ```c // Pseudo-code logic for a microcontroller reading this switch if (digitalRead(SWITCH_PIN) == LOW) { // Action performed when ALSP-223-R is pressed executeFunction(); } ``` --- ### Common Applications * **Consumer Electronics**: Volume buttons on speakers, power buttons on monitors. * **Industrial Controls**: Reset buttons on PLCs or control panels. * **Computer Peripherals**: Mouse buttons or keyboard function keys. * **Home Appliances**: Interface buttons on microwaves or washing machines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and non-R suffix in this part number?
    • ⤷ Can you provide a PCB footprint diagram for the ALSP-223-R?
    • ⤷ What are the recommended soldering temperatures for this tactile switch?