Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALSP-243-R/Q

  • AI
    The **ALSP-243-R/Q** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are designed for high-efficiency power conversion and filtering applications. --- ### 1. Technical Specifications While exact parameters can vary slightly by manufacturer (such as Sumida or similar magnetic component vendors), the "243" series generally follows these characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount Device (SMD) | | **Shielding** | Magnetic Shielding (reduces EMI) | | **Operating Temperature** | -40°C to +125°C | | **Core Material** | Ferrite | | **Suffix Significance** | **R/Q** usually denotes specific tolerance or packaging (Reel/Quantity) | --- ### 2. Key Electronic Features * **Low DC Resistance (DCR):** Designed to minimize power loss as heat, making it suitable for battery-operated devices. * **High Saturation Current:** The "Q" or "R" variants are often optimized to handle high current spikes without the magnetic core saturating (losing inductance). * **Magnetic Shielding:** The internal construction prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. --- ### 3. Common Applications These inductors are found in circuits where voltage needs to be stepped up or down efficiently: 1. **DC-DC Converters:** Used as the energy storage element in buck, boost, or buck-boost converters. 2. **Power Management Integrated Circuits (PMICs):** Found in smartphones, tablets, and laptops. 3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines. --- ### 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **ALSP** | Series designation (Automotive/Low-profile Shielded Power) | | **243** | Dimensional code (Physical size of the footprint) | | **R/Q** | Tolerance grade or Tape & Reel packaging indicator | ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the ALSP-243-R/Q footprint?
    • ⤷ What is the typical inductance range for the 243 series?
    • ⤷ How does magnetic shielding impact the performance of this inductor?