Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALTG-412-R/Q

  • AI
    The **ALTG-412-R/Q** is a high-performance **Tri-Axial Accelerometer** commonly used in aerospace, defense, and industrial automation. This sensor is designed to measure acceleration (vibration, shock, or motion) across three perpendicular axes (X, Y, and Z) simultaneously. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and mechanical characteristics of this component series: | Specification | Typical Value | | :--- | :--- | | **Sensor Type** | Capacitive MEMS / Piezoelectric | | **Number of Axes** | 3 (Tri-axial: X, Y, Z) | | **Measurement Range** | ±2g to ±50g (Depends on specific sub-model) | | **Interface** | Analog or Digital (SPI/I2C) | | **Supply Voltage** | 3.3V to 5V DC | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Type** | Surface Mount (SMD) or Ruggedized Module | --- ### 2. Functional Components The ALTG-412-R/Q consists of several critical electronic sub-sections: * **MEMS Sensing Element:** Micro-Electro-Mechanical Systems (MEMS) structures that shift when subjected to acceleration, changing the internal capacitance. * **ASIC (Application Specific Integrated Circuit):** An onboard chip that converts the raw capacitive change into a readable voltage or digital signal. * **Signal Conditioning:** Includes low-pass filters to remove high-frequency noise and amplifiers to ensure signal integrity over long distances. * **Temperature Compensation:** Internal circuitry that adjusts the output to remain accurate despite fluctuations in environmental temperature. --- ### 3. Usage & Applications This part is primarily utilized in environments where precision and durability are required: 1. **Inertial Navigation:** Used in UAVs (drones) and robotics for orientation and positioning. 2. **Structural Monitoring:** Detecting vibrations in bridges, buildings, or aircraft wings. 3. **Impact Detection:** Monitoring high-G events in industrial machinery or transport logging. 4. **Tilt Sensing:** Measuring the angle of an object relative to gravity. --- ### 4. Implementation Example (Pseudo-code) If using the digital variant via SPI, the communication logic generally follows this structure: ```python import sensor_library # Initialize the ALTG sensor sensor = sensor_library.ALTG412(interface='SPI', bus=0) # Configure range to +/- 16g sensor.set_range(16) # Read acceleration data data = sensor.get_axes() print(f"X: {data.x}, Y: {data.y}, Z: {data.z}") ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q suffixes in this model?
    • ⤷ How do I calibrate the zero-g offset for this accelerometer?
    • ⤷ What is the maximum shock rating (G-force) this part can survive without damage?