Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALTG-732-R

  • AI
    The **ALTG-732-R** is a specialized electronic component, typically categorized as a high-precision **Gas Discharge Tube (GDT)** or a specific type of surge arrestor/lighting protection component. These devices are designed to protect sensitive electronic equipment from overvoltage transients caused by lightning strikes or switching surges. --- ### 1. Key Technical Specifications Based on the standard parameters for the ALTG-732 series, the electronic characteristics generally include: | Parameter | Typical Value / Description | |:---|:---| | **DC Spark-over Voltage** | 3000V - 3500V (Approximate) | | **Impulse Discharge Current** | High Surge Capacity (Typically 3kA - 10kA) | | **Insulation Resistance** | > 100 MΩ | | **Capacitance** | Very Low (< 1.5 pF) | | **Mounting Type** | Radial Lead / Through-hole | --- ### 2. Functional Electronic Parts The internal and external architecture of the ALTG-732-R consists of several critical elements: #### A. Gas-Filled Chamber The "core" of the component is a hermetically sealed ceramic or glass chamber filled with a specific noble gas mixture (often Neon or Argon). This gas remains non-conductive until the voltage threshold is reached. #### B. Electrode System * **Anode/Cathode:** Two metallic electrodes face each other within the gas chamber. * **Gap Distance:** The precision-engineered distance between these electrodes determines the breakdown voltage (the "Spark-over" voltage). #### C. Ceramic-to-Metal Seal The body is usually made of high-quality alumina ceramic, which provides structural integrity and high insulation resistance, ensuring the gas does not leak over time. --- ### 3. Operating Principle 1. **High Impedance State:** Under normal operating voltages, the ALTG-732-R acts as an open circuit with extremely low capacitance, making it invisible to the signal. 2. **Ionization:** When a surge occurs and exceeds the spark-over voltage, the gas inside ionizes. 3. **Arcing (Short Circuit):** The ionized gas becomes a highly conductive path, effectively "shorting" the surge to the ground and protecting the downstream circuit. 4. **Recovery:** Once the voltage drops below the "holdover" level, the gas de-ionizes and the device returns to its high-impedance state. --- ### 4. Common Applications * **Telecommunications:** Protecting line cards and modems from lightning. * **Industrial Power:** Used in power supply inputs to prevent damage from grid switching. * **Medical Equipment:** High-voltage isolation and protection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the ALTG-732-R?
    • ⤷ How does its low capacitance benefit high-frequency signal lines?
    • ⤷ Are there Surface Mount (SMD) alternatives to this radial component?