Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALV-643-R

  • AI
    The **ALV-643-R** is a specialized electronic component, typically identified as a **Variable Optical Attenuator (VOA)** or a related fiber-optic control module, often used in telecommunications and optical networking. Below is a breakdown of its core electronic and functional characteristics. --- ### 1. Technical Specifications The device is designed to manage signal strength within fiber optic lines to prevent receiver saturation and maintain optimal signal-to-noise ratios. | Feature | Description | | :--- | :--- | | **Component Type** | Variable Optical Attenuator (VOA) | | **Control Interface** | Analog Voltage or Digital (Model Dependent) | | **Wavelength Range** | Typically C-Band (1525nm – 1565nm) or L-Band | | **Attenuation Range** | Generally 0.5dB to 30dB+ | | **RoHS Compliance** | "R" suffix usually denotes Lead-Free/RoHS compliant | --- ### 2. Core Electronic Architecture The ALV-643-R functions by converting an electrical input into a physical or optical change within the fiber path. * **Actuation Mechanism:** Most VOAs in this series use **MEMS (Micro-Electro-Mechanical Systems)** or **Magneto-optical** technology. * *MEMS:* Uses a tiny tilting mirror to redirect a portion of the light. * *Magneto-optical:* Uses Faraday rotation to change light polarization through a crystal. * **Driver Circuitry:** Requires a stable DC voltage. High-precision Op-Amps are often used in the external circuit to provide the control voltage necessary for linear attenuation. * **Feedback Loop:** Often integrated with a **Photodiode (PD)** to monitor the output power and ensure the attenuation level remains stable despite temperature fluctuations. --- ### 3. Pin Configuration & Integration While specific pinouts can vary by manufacturer (e.g., Santec, NeoPhotonics), a standard module usually includes: 1. **V+ / V-**: Power supply pins for the internal actuator. 2. **GND**: Common ground. 3. **Control Voltage (Vctrl)**: The input signal that determines the level of attenuation. 4. **PD Output (Optional)**: Provides a current proportional to the light intensity for monitoring purposes. --- ### 4. Typical Applications * **EDFA Power Balancing:** Equalizing gain across different channels in an Erbium-Doped Fiber Amplifier. * **Receiver Protection:** Reducing high-power laser signals to a level that won't damage sensitive photodetectors. * **Network Switching:** Managing power levels during Add/Drop multiplexing in DWDM systems.
    ✨ Follow-up Questions
    • ⤷ What is the typical control voltage range for the ALV-643-R?
    • ⤷ How does MEMS technology differ from Liquid Crystal VOAs?
    • ⤷ Is there a specific datasheet for the 643 series manufacturer?