Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALV-D31-R

  • AI
    The **ALV-D31-R** is a specific model of an **ALV Series Solenoid Valve**, typically manufactured by companies like **CKD Corporation**. These components are widely used in pneumatic and fluid control systems to automate the flow of air or inert gases. --- ## 1. Technical Specifications The "ALV" series generally refers to a pilot-operated or direct-acting solenoid valve. Below are the typical electronic and mechanical specifications for this model: | Feature | Specification | | :--- | :--- | | **Model** | ALV-D31-R | | **Valve Type** | 3-Port Solenoid Valve | | **Operating Voltage** | Typically 24V DC (Standard for 'D' series) | | **Power Consumption** | Low wattage (approx. 0.6W - 1.8W) | | **Response Time** | Fast (under 15-30ms) | | **Fluid Type** | Compressed Air / Inert Gas | | **Mounting** | Base piped or Manifold mountable | --- ## 2. Electronic Component Breakdown The ALV-D31-R functions through the interaction of several internal electronic and magnetic components: ### A. Solenoid Coil The heart of the unit is the copper wire coil. When 24V DC is applied, it generates a magnetic field. This field creates the force necessary to move the internal plunger. ### B. Surge Suppressor (The "R" Suffix) The **-R** in the model number often signifies a built-in **Surge Suppressor** (often a diode or MOV). * **Purpose:** When the power to the solenoid is cut, the collapsing magnetic field creates a high-voltage spike (back-EMF). * **Benefit:** The suppressor protects sensitive PLC (Programmable Logic Controller) outputs from being damaged by these spikes. ### C. LED Indicator Most modern ALV series valves include a small LED integrated into the housing. This provides a visual confirmation that power is reaching the coil, simplifying troubleshooting in industrial environments. --- ## 3. Terminal and Wiring Connection The ALV-D31-R typically uses a standard plug-in connector or lead wires. ```cpp // Typical Control Logic for ALV-D31-R via PLC IF (Process_Start == TRUE) { Set Output_Q0.1 = HIGH; // Sends 24V DC to Solenoid Coil // Magnetic field pulls plunger -> Valve Opens } ELSE { Set Output_Q0.1 = LOW; // 0V DC // Spring returns plunger -> Valve Closes } ``` --- ## 4. Key Maintenance Features * **Manual Override:** Most models feature a small button or twist-lock that allows you to manually actuate the valve without electrical power for testing. * **Polarity:** Since it is a DC component with a surge suppressor, correct polarity (+/-) is essential to avoid damaging the internal diode.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the ALV-D31-R connector?
    • ⤷ Can this valve be operated with 110V AC using an adapter?
    • ⤷ How do I troubleshoot a solenoid valve that is getting power but not shifting?