Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ALV-D34-R

  • AI
    The **ALV-D34-R** is a specific model of an **Active Low-Voltage differential signaling (LVDS) Receiver** or an LED Driver controller (depending on the specific manufacturer context, often associated with LED display technologies and timing controllers). Below is a technical breakdown of its electronic components, functions, and characteristics. --- ### 1. Key Technical Specifications The device is designed to handle high-speed data transmission and conversion. Its primary role is to interpret incoming differential signals and translate them for the display or load. | Feature | Specification | | :--- | :--- | | **Input Type** | Differential Signaling (LVDS/Digital) | | **Operating Voltage** | Typically 3.3V to 5.0V | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Type** | Often SOP or SSOP (Small Outline Package) | | **Signal Polarity** | Active Low / High-Speed | --- ### 2. Functional Electronic Blocks Inside the ALV-D34-R, several electronic sub-circuits work together to process signals: 1. **Differential Receiver Stage:** * Uses high-speed comparators to detect the voltage difference between two input lines. * This provides high noise immunity, which is critical for preventing signal degradation. 2. **Voltage Regulator/Reference:** * Internal circuitry to ensure the logic levels remain consistent even if the power supply fluctuates slightly. 3. **Output Buffer:** * A CMOS/TTL compatible output stage that drives the subsequent component (like an LED driver or a Microcontroller) with sufficient current. 4. **Protection Circuitry:** * Includes ESD (Electrostatic Discharge) protection and thermal shutdown features to prevent the chip from burning out during surges. --- ### 3. Application Use Cases This part is commonly found in the following electronic assemblies: * **LED Display Panels:** Acts as a bridge between the main control card and the LED driver ICs on the module. * **Video Signal Conversion:** Used in systems where long-distance signal transmission is required without interference. * **Industrial Automation:** Found in HMI (Human Machine Interface) screens to handle high-speed data refreshes. --- ### 4. Schematic Considerations When integrating the ALV-D34-R into a PCB design, engineers must focus on: * **Impedance Matching:** The differential pairs must be routed with specific trace widths and spacing to maintain 100-ohm differential impedance. * **Decoupling Capacitors:** Usually requires a 0.1µF ceramic capacitor placed as close as possible to the VCC pin to filter high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the ALV-D34-R?
    • ⤷ How does the ALV-D34-R differ from the ALV-D34-L variant?
    • ⤷ Which manufacturers produce the ALV-D34-R?