Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS163

  • AI
    ### AM25LS163: 4-Bit Synchronous Binary Counter The **AM25LS163** is a high-speed, 4-bit synchronous binary counter belonging to the Low-Power Schottky (LS) family. It is functionally equivalent to the standard 74LS163 but often manufactured with Advanced Micro Devices (AMD) proprietary processes to offer better performance or reliability. --- ### 1. Key Features and Specifications This integrated circuit (IC) is designed for high-performance counting applications where synchronization is critical. | Parameter | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Counter Type** | Binary (4-Bit) | | **Synchronous** | Yes (All changes occur on the positive clock edge) | | **Operating Voltage ($V_{CC}$)** | 4.75V to 5.25V | | **Package Types** | DIP, SOIC, PLCC | | **Clock Frequency** | Typically 25MHz to 35MHz | | **Clear Function** | Synchronous Clear | --- ### 2. Pin Configuration and Functions The AM25LS163 usually comes in a 16-pin package. Below is the functional breakdown of the pins: | Pin Name | Description | Function | | :--- | :--- | :--- | | **CLK** | Clock Input | Triggers on the Low-to-High (positive) transition. | | **P0 - P3** | Parallel Data Inputs | Used to preset the counter to a specific value. | | **PE** | Parallel Enable | When LOW, data at P0-P3 is loaded on the next clock edge. | | **CEP / CET** | Count Enables | Both must be HIGH for the counter to increment. | | **SRCLR** | Synchronous Clear | When LOW, the counter resets to 0000 on the next clock edge. | | **Q0 - Q3** | Data Outputs | The current 4-bit count value. | | **TC** | Terminal Count | Goes HIGH when the count reaches 15 (1111). | --- ### 3. Core Logic Operations #### A. Synchronous Reset Unlike the 74LS161 (which has an asynchronous reset), the **AM25LS163** resets only when the Clock signal transitions from Low to High while the `SRCLR` pin is held Low. This prevents "glitches" in complex timing circuits. #### B. Look-Ahead Carry The IC features internal look-ahead carry logic. By using the **TC** (Terminal Count) and **CET** (Count Enable Trickle) pins, multiple AM25LS163 units can be cascaded to create 8-bit, 16-bit, or larger counters without significant propagation delays. #### C. Loading Data To start counting from a specific number (e.g., counting from 5 to 15): 1. Apply the binary value (0101) to pins **P0-P3**. 2. Pull the **PE** (Parallel Enable) pin LOW. 3. On the next clock pulse, **Q0-Q3** will become 0101. --- ### 4. Logic Diagram Representation ```text +---U---+ SRCLR |1 16| VCC CLK |2 15| TC (RCO) P0 |3 14| Q0 P1 |4 13| Q1 P2 |5 12| Q2 P3 |6 11| Q3 CEP |7 10| CET GND |8 9| PE +-------+ ``` --- ### 5. Applications * **Digital Clock Cycles:** Generating timing sequences for microprocessors. * **Frequency Dividers:** Dividing a master clock by a factor of 2, 4, 8, or 16. * **Program Counters:** Maintaining the address of the next instruction in simple CPU architectures. * **State Machines:** Transitioning through a fixed sequence of binary states.
    ✨ Follow-up Questions
    • ⤷ What is the difference between synchronous and asynchronous clear in the 163 vs 161 series?
    • ⤷ How do you cascade two AM25LS163 chips to create an 8-bit counter?
    • ⤷ What are the power consumption characteristics of the Low-Power Schottky (LS) family?