Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS2519LC

  • AI
    The **AM25LS2519LC** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (ALS/LS) family. It is specifically a **Universal Pipeline Register**, often used in high-speed digital processing and computer architecture. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Advanced Micro Devices (AMD) | | **Logic Family** | LS (Low-power Schottky) | | **Function** | 8-Bit Pipeline Register | | **Package Type** | LCC (Leadless Chip Carrier) - indicated by the "LC" suffix | | **I/O Type** | Three-state (3-state) outputs | --- ### 2. Key Internal Components The AM25LS2519 consists of several critical electronic sections that allow it to function as a sophisticated data buffer: * **8-Bit Register:** A bank of eight D-type flip-flops that store data on the rising edge of the clock signal. * **Instruction/Control Decoder:** Logic gates that interpret the control inputs to determine if the device should load, hold, or shift data. * **Three-State Output Buffers:** These allow the device to be connected directly to bus-oriented systems. When the output enable (OE) is high, the pins enter a high-impedance state, effectively disconnecting from the bus. * **Parallel Load Logic:** Enables the simultaneous loading of 8 bits of data. --- ### 3. Pin Functionality While the exact pinout depends on the LCC package map, the functional groups are as follows: 1. **Data Inputs ($D_0 - D_7$):** The 8-bit parallel data to be stored. 2. **Data Outputs ($Q_0 - Q_7$):** The 8-bit parallel data output. 3. **Clock (CP):** The trigger for data synchronization. 4. **Output Enable ($\overline{OE}$):** Controls the high-impedance state of the outputs. 5. **Mode Controls ($S_0, S_1$):** Used to select the specific operational mode (Load, Hold, or Clear). --- ### 4. Technical Characteristics The "LS" designation provides a balance between speed and power consumption: ```cpp // Typical Performance Parameters Propagation_Delay: ~15ns - 25ns Power_Consumption: Low (Schottky clamped) Operating_Voltage: 4.75V to 5.25V (Standard 5V TTL) Temperature_Range: 0°C to 70°C (Commercial Grade) ``` --- ### 5. Application Use-Cases The AM25LS2519LC is primarily used in: * **Pipeline Architectures:** Storing intermediate results between different stages of a CPU or DSP. * **Bus Buffering:** Managing data flow between a processor and a shared memory bus. * **Digital Signal Processing:** Synchronizing high-speed data streams.
    ✨ Follow-up Questions
    • What is the difference between the 'LS' and 'ALS' versions of this chip?
    • Can you provide the pinout diagram for the LCC package?
    • How does the three-state output prevent bus contention?