Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS2519LCB

  • AI
    The **AM25LS2519LCB** is a high-performance integrated circuit manufactured by Advanced Micro Devices (AMD). It belongs to the **Low-Power Schottky (LS)** TTL family and is specifically designed as an 8-bit universal shift register with unique characteristics for high-speed digital systems. --- ### 1. General Specifications The device is housed in a **Ceramic Leadless Chip Carrier (CLCC)**, indicated by the "LCB" suffix, which is typically used for high-reliability or military-grade applications due to its thermal stability and resistance to environmental stress. | Property | Description | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Function** | 8-Bit Universal Shift Register | | **Package Type** | LCB (Leadless Chip Carrier, Ceramic) | | **Operating Voltage** | 5.0V (Standard TTL) | | **Data Width** | 8 Bits | --- ### 2. Key Functional Features The AM25LS2519 is versatile because it supports multiple modes of operation controlled by specific select pins. * **Parallel Loading:** It can load 8 bits of data simultaneously from parallel inputs. * **Shift Operations:** It supports shifting data both left and right. * **Three-State Outputs:** The outputs can be placed in a high-impedance state (Tri-state), allowing the device to be connected directly to bus-oriented systems without interference. * **Clear Function:** Usually includes an asynchronous or synchronous clear to reset the register to zero. --- ### 3. Pin Configuration & Signal Types While specific pin numbers depend on the physical package layout, the functional signals are categorized as follows: | Signal Group | Function | | :--- | :--- | | **$D_0 - D_7$** | Parallel Data Inputs | | **$Q_0 - Q_7$** | 3-State Parallel Outputs | | **CP (Clock)** | Triggering edge for shifting or loading | | **$S_0, S_1$** | Mode Select pins (Hold, Shift Left, Shift Right, Load) | | **OE** | Output Enable (controls Tri-state) | | **$V_{CC} / GND$** | Power supply (5V) and Ground | --- ### 4. Technical Advantages 1. **Speed vs. Power:** As an "LS" part, it strikes a balance between the high speed of standard Schottky TTL and the lower power consumption of standard TTL. 2. **Bus Compatibility:** The 3-state outputs make it ideal for microprocessor-based architectures where multiple devices share a common data bus. 3. **Durability:** The "LCB" ceramic packaging is designed for harsh environments, offering better hermetic sealing than plastic equivalents. --- ### 5. Common Applications * **Data Buffering:** Holding data temporarily between different parts of a digital system. * **Serial-to-Parallel Conversion:** Receiving data one bit at a time and outputting it in an 8-bit block. * **Parallel-to-Serial Conversion:** Taking an 8-bit block and sending it out sequentially. * **Pattern Generation:** Creating specific sequences of bits for testing or control logic.
    ✨ Follow-up Questions
    • What are the specific mode select (S0
    • S1) truth table values for this chip?
    • How does the ceramic LCB package compare to the plastic DIP version in terms of thermal performance?
    • Is the AM25LS2519LCB still in active production or is it considered an EOL (End of Life) component?