Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS2519PCB

  • AI
    The **AM25LS2519** is a high-performance integrated circuit (IC) originally developed by Advanced Micro Devices (AMD). It belongs to the **Low-Power Schottky (LS)** family and is specifically designed as an **8-bit Universal Register** with three-state outputs. Below is a detailed breakdown of the electronic parts and specifications for this component on a PCB. --- ### 1. Functional Specifications The AM25LS2519 serves as a versatile storage element in digital systems, often used in CPU architectures for microprogramming or data buffering. | Feature | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Bit Width** | 8-Bit | | **Output Type** | 3-State (Tri-state) | | **Package Type** | Typically 20-pin DIP or PLCC | | **Supply Voltage ($V_{CC}$)** | 4.75V to 5.25V | | **Propagation Delay** | ~15-20 ns (Typical) | --- ### 2. Key Internal Components To understand the PCB layout for this chip, one must understand its internal logic blocks: 1. **D-Type Flip-Flops:** Eight individual flip-flops that store the 8-bit data word. 2. **Multiplexers (MUX):** Internal circuitry that allows for selecting between "Load" and "Hold" modes. 3. **Three-State Buffers:** These allow the chip to disconnect from the bus (High-Impedance state), preventing data contention on the PCB traces. 4. **Clocking Logic:** A common clock ($CP$) and Clock Enable ($\overline{G}$) control when data is latched. --- ### 3. Pinout and PCB Connection Guide When integrating the AM25LS2519 onto a PCB, the following pin categories are critical: | Pin Category | Description | | :--- | :--- | | **Data Inputs ($D_0 - D_7$)** | Parallel data entry points. | | **Data Outputs ($Q_0 - Q_7$)** | 3-state outputs that connect to the data bus. | | **$\overline{OE}$ (Output Enable)** | Controls whether the $Q$ outputs are active or in high-impedance. | | **$CP$ (Clock Pulse)** | Triggers the data loading on the rising edge. | | **$\overline{G}$ (Clock Enable)** | Must be LOW for the clock pulse to load new data. | --- ### 4. PCB Layout Considerations If you are designing or repairing a PCB containing the AM25LS2519, keep these factors in mind: * **Decoupling Capacitors:** Place a **0.1µF ceramic capacitor** as close as possible to the $V_{CC}$ (Pin 20) and GND (Pin 10) to filter high-frequency switching noise. * **Trace Impedance:** Since LS logic has fast rise/fall times, keep clock traces short to avoid "ringing" or electromagnetic interference (EMI). * **Bus Contention:** Ensure the $\overline{OE}$ logic is timed correctly in your circuit to prevent two chips from driving the same PCB bus simultaneously. --- ### 5. Common Applications * **Microprogram Registers:** Storing the current address of microcode. * **Pipeline Registers:** Holding data between stages of a processor. * **I/O Buffering:** Temporary storage for data moving between a slow peripheral and a fast bus. ---
    ✨ Follow-up Questions
    • ⤷What are the pin-compatible modern alternatives to the AM25LS2519?
    • ⤷ How do the 'Hold' and 'Load' modes function in this specific IC?
    • ⤷ What is the maximum clock frequency supported by the AM25LS2519?