Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS2520

  • AI
    ### Overview of the AM25LS2520 The **AM25LS2520** is a high-performance, Low-power Schottky (LS) integrated circuit. It is specifically a **8-Bit Register with Three-State Outputs**, often utilized in microcomputer systems as an address latch, data register, or an I/O port. It was originally manufactured by Advanced Micro Devices (AMD). --- ### Technical Specifications The following table outlines the primary electrical and functional characteristics of the device: | Characteristic | Specification | | :--- | :--- | | **Logic Family** | Low-power Schottky (LS) | | **Function** | 8-Bit D-Type Register | | **Output Type** | 3-State (Tri-state) | | **Operating Voltage ($V_{CC}$)** | 4.75V to 5.25V | | **Propagation Delay** | ~14 ns (Typical) | | **Input Type** | TTL Compatible | | **Package Options** | DIP, LCC, Flatpack | --- ### Key Internal Components 1. **D-Type Flip-Flops**: The core of the chip consists of eight individual D-type flip-flops. These store data on the rising edge of the clock signal. 2. **Clock ($CP$)**: A common clock input that triggers all eight flip-flops simultaneously. 3. **Output Enable ($\overline{OE}$)**: A control pin that determines if the stored data is visible on the output pins. * **Low (L):** Outputs are active. * **High (H):** Outputs are in a high-impedance state (disconnected). 4. **Clear ($\overline{CLR}$)**: A direct reset pin that forces all internal register bits to zero, regardless of the clock or data inputs. --- ### Pin Configuration and Functionality The AM25LS2520 typically features a 22-pin or 24-pin layout (depending on the specific package variant). Below is the logical behavior of the device: | Mode | $\overline{CLR}$ | $\overline{OE}$ | $CP$ | Data In ($D_n$) | Output ($Q_n$) | | :--- | :--- | :--- | :--- | :--- | :--- | | **Reset** | L | L | X | X | L | | **Load Data** | H | L | $\uparrow$ | H / L | H / L | | **Hold** | H | L | L | X | No Change | | **Hi-Z** | X | H | X | X | High-Impedance | --- ### Application Usage * **Bus Buffering**: Used to isolate a CPU bus from peripheral devices. * **Memory Interfacing**: Acts as an address latch for multiplexed address/data buses. * **Status Registers**: Storing flag bits or status indicators in 8-bit processing systems. * **Parallel-to-Parallel Transfer**: Buffering data between two different clock domains. --- ### Comparison with 74LS374 While the AM25LS2520 is similar to the popular **74LS374**, the 2520 version often includes additional control features like an explicit **Clear** line and specialized pinouts that facilitate easier PCB routing for specific AMD-designed microprocessors of that era.
    ✨ Follow-up Questions
    • What are the main differences between the AM25LS2520 and the standard 74LS374?
    • Can the AM25LS2520 be used in modern 3.3V logic systems?
    • How does the 'High-Impedance' state benefit bus-oriented architectures?