Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS2520DMB

  • AI
    ## AM25LS2520DMB: Technical Overview The **AM25LS2520DMB** is a high-performance, Low-Power Schottky (LS) integrated circuit. It belongs to the AMD family of bipolar logic devices, specifically designed as an **Eight-Bit Register** with clear and three-state outputs. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Function** | 8-Bit Register (Octal D-Type Flip-Flop) | | **Package Type** | DMB (Ceramic Side-Brazed Dual-In-Line Package) | | **Operating Temp Range** | Military (-55°C to +125°C) | | **Output Type** | 3-State (Tri-state) | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | --- ### 2. Functional Description The device consists of eight edge-triggered D-type flip-flops. It is designed to interface directly with high-performance bus systems. * **Positive Edge Triggering:** Information at the D-inputs meeting the setup time requirements is transferred to the Q-outputs on the positive-going edge of the clock pulse. * **Three-State Outputs:** The outputs are designed to be in a high-impedance state when the Output Enable ($\overline{OE}$) is high, allowing multiple device outputs to be connected to the same bus line. * **Clear Function:** A Direct Clear ($\overline{CLR}$) input is available to reset all flip-flops simultaneously, regardless of the clock or data inputs. --- ### 3. Pin Configuration Summary While pinouts can vary slightly by manufacturer variations, the standard 22-pin or 24-pin configuration for this series typically includes: | Pin Name | Description | | :--- | :--- | | **D0 - D7** | 8-bit Data Inputs | | **Q0 - Q7** | 8-bit 3-State Outputs | | **CP** | Clock Pulse Input (Active on rising edge) | | **$\overline{CLR}$** | Master Reset (Active Low) | | **$\overline{OE}$** | Output Enable (Active Low) | | **Vcc / GND** | Power Supply and Ground | --- ### 4. Application Use Cases Due to its **Military Grade (DMB)** rating, this part is commonly found in: 1. **Avionics and Defense:** Systems requiring wide temperature tolerances and high reliability. 2. **Bus-Oriented Architectures:** Serving as an intermediary buffer or storage register between a CPU and a data bus. 3. **Legacy Computing:** Retro-computing maintenance or specialized industrial controllers that utilize TTL logic levels.
    ✨ Follow-up Questions
    • What are the timing requirements for the clock pulse (CP) in this device?
    • How does the DMB package differ from the standard PC or DC packages?
    • Can this part be replaced by a 74LS series equivalent?