Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM25LS2520LM

  • AI
    The **AM25LS2520LM** is a high-performance integrated circuit (IC) belonging to the Advanced Low-Power Schottky (LS) TTL family. It is specifically designed as an **8-bit Registered Arithmetic Logic Unit (RALU)** or an 8-bit bidirectional register with three-state outputs, often utilized in microprogramming and high-speed data path applications. --- ### 1. Key Technical Specifications The "LM" suffix typically denotes a military-grade ceramic package (LCC or similar) with an extended temperature range. | Parameter | Specification | | :--- | :--- | | **Logic Family** | Advanced Low-Power Schottky (ALS/LS) | | **Bit Width** | 8-Bit | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Operating Temperature** | -55°C to +125°C (Military Grade) | | **Output Type** | 3-State (Tri-state) | | **Function** | Multimode Register / Bus Buffer | --- ### 2. Functional Description The AM25LS2520 is often used to interface between a micro-instruction controller and the system bus. Its primary internal components include: * **8-Bit D-Type Register:** Stores data on the rising edge of the clock signal. * **Three-State Outputs:** Allows the device to be connected directly to bus-oriented systems without interference when the device is disabled. * **Clear/Preset Controls:** Provides the ability to reset the register contents asynchronously. * **Read-Back Capability:** Many variants in this series allow for the verification of stored data through specific output enable pins. --- ### 3. Pinout and Internal Logic While pin configurations vary by package, the functional blocks remain consistent: 1. **Inputs ($D_0 - D_7$):** Data inputs to be stored in the register. 2. **Outputs ($Q_0 - Q_7$):** Data outputs from the register. 3. **CP (Clock Pulse):** Triggers the loading of data into the flip-flops. 4. **$\overline{OE}$ (Output Enable):** Controls the high-impedance state of the outputs. 5. **$\overline{CLR}$ (Clear):** Resets all internal flip-flops to a logic low level. --- ### 4. Typical Applications * **Microprogram Sequencers:** Storing addresses or instructions in bit-slice processors. * **Pipeline Registers:** Used in high-speed digital signal processing to hold data between stages. * **Bus Interface Units:** Managing data flow between a CPU and its peripheral buses. * **Military & Aerospace Electronics:** Due to the "LM" designation, it is found in legacy avionics and ruggedized computing systems. --- ### 5. Replacement and Cross-Reference Because the AM25LS series is considered "legacy" or "obsolete" by modern standards, modern designers often look for CMOS equivalents (like the 74HCT or 74AHC series) or use FPGA logic to emulate these functions. However, for repair of vintage hardware: * **Direct Cross:** AMD AM25LS2520 * **Package Type:** Ceramic Leadless Chip Carrier (LCC) or CERDIP.
    ✨ Follow-up Questions
    • What are the timing characteristics (propagation delay) of the AM25LS2520LM?
    • How does the 'Advanced Low-Power Schottky' technology compare to standard TTL?
    • Can an FPGA be used to emulate the AM25LS2520 in legacy system repairs?