Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM29707ADMB

  • AI
    ## Analysis of the AM29707ADMB The **AM29707ADMB** is a specialized high-performance integrated circuit belonging to the **Am2900 family** of bipolar microprocessors and bit-slice components, originally developed by Advanced Micro Devices (AMD). It specifically functions as a **High-Speed 16-word by 8-bit Dual-Port Multi-Port Register File**. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Organization** | 16 words × 8 bits | | **Technology** | Bipolar (TTL) | | **Package Type** | DMB (Ceramic Dual-In-Line, Hermetic) | | **Operating Temperature** | Military Grade (-55°C to +125°C) | | **Read/Write Access** | Dual-Port (Simultaneous read/write capability) | | **Logic Family** | Schottky TTL | --- ### 2. Functional Description The AM29707 is designed to act as high-speed "scratchpad" memory within a CPU or a digital signal processing (DSP) architecture. Its architecture allows for: * **Dual-Port Capability:** It features independent address lines for reading and writing. This allows the system to read data from one memory location while simultaneously writing data to another, which is critical for pipelined processor designs. * **Expansion:** The 8-bit word length can be expanded to 16, 24, or 32 bits by cascading multiple units in parallel. * **Three-State Outputs:** The outputs are three-state (Tri-state), allowing multiple devices to be connected to a common data bus without conflict. --- ### 3. Pinout and Internal Logic Components The device typically includes several functional blocks: 1. **Address Decoders:** Two separate sets of decoders for selecting the "Read" address and "Write" address. 2. **Write Enable (WE):** A control pin that dictates when data on the input lines is latched into the selected memory register. 3. **Data Inputs (D0-D7):** 8 lines used to provide the data to be stored. 4. **Data Outputs (Q0-Q7):** 8 lines used to retrieve stored data. --- ### 4. Part Number Breakdown (Suffix Decoding) | Code Segment | Meaning | | :--- | :--- | | **AM29707** | The base model number (16x8 Multi-port Register) | | **A** | Denotes a speed grade (usually indicates a faster version than the base model) | | **D** | Package type: Ceramic DIP (Dual In-line Package) | | **M** | Temperature Range: Military (-55°C to +125°C) | | **B** | Processing: Burn-in / MIL-STD-883 Level testing | --- ### 5. Historical Context and Usage This part is largely considered **obsolete** for new designs but remains highly relevant for: * **Aerospace and Defense:** Maintenance of legacy computer systems in aircraft or naval vessels. * **Bit-Slice Computing:** Educational or hobbyist recreations of 1970s/80s style CPU architectures. * **Industrial Control:** Repairing vintage CNC or manufacturing equipment that utilizes AMD 2900 series logic.
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives to bit-slice register files like the AM29707?
    • ⤷ How does the dual-port functionality improve CPU throughput in this architecture?
    • ⤷ Where can I find the full datasheet for the MIL-STD-883 version of this chip?