Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM29BDD160GT28DPBK

  • AI
    The **AM29BDD160GT28DPBK** is a specific integrated circuit belonging to the Flash memory family, originally manufactured by Spansion (now part of Infineon/Cypress). It is designed primarily for high-performance automotive and industrial embedded systems. --- ### 1. Key Technical Specifications | Parameter | Specification | |:--- |:--- | | **Memory Type** | NOR Flash | | **Capacity** | 16 Megabit (2 MB) | | **Architecture** | 1.0M x 16-bit (Word Mode) | | **Voltage Supply** | 2.5V to 2.7V (Core), 1.8V to 2.7V (I/O) | | **Speed/Access Time** | ~70ns to 80ns | | **Interface** | Burst Mode / Parallel | | **Package** | 80-ball FBGA (Fine-pitch Ball Grid Array) | | **Temperature Grade** | Industrial / Automotive (-40°C to +125°C) | --- ### 2. Functional Characteristics #### A. Burst Mode Operation Unlike standard asynchronous Flash, this part supports **Burst Mode**. This allows the system to fetch a sequence of data words at a high clock rate after the initial access time, significantly increasing the data throughput for code execution (Execute-in-Place or XiP). #### B. Simultaneous Read/Write (Dual Bank) The "BDD" series often features a dual-bank architecture. This allows the processor to: * Read data from one bank. * While simultaneously programming or erasing in another bank. * **Benefit:** Reduces system latency and eliminates the need to wait for write cycles to finish before accessing code. #### C. Boot Block Architecture It features a "Top Boot" or "Bottom Boot" configuration (the "T" in the suffix usually denotes **Top Boot**). This means the small, protected sectors used for critical bootloader code are located at the highest address range of the memory map. --- ### 3. Pinout and Internal Logic The device utilizes an **80-ball FBGA** layout. Key pin groups include: * **A0 - A19:** Address Inputs. * **DQ0 - DQ15:** Data Input/Output. * **CE# (Chip Enable):** Activates the device. * **OE# (Output Enable):** Controls the output buffers. * **WE# (Write Enable):** Controls the writing of commands/data. * **CLK:** Clock input for synchronous burst operations. --- ### 4. Part Number Breakdown (Suffixes) * **AM29BDD160G:** Base Series (16Mb, Burst Mode). * **T:** Top Boot Sector location. * **28:** Speed/Voltage variant code. * **DP:** Package code (80-ball FBGA). * **B / K:** Packing and Temperature/Process grade indicators. --- ### 5. Common Applications * **Automotive Engine Control Units (ECUs):** High reliability and fast boot times are required. * **Telecommunications:** Storage of firmware for routers and switches. * **Industrial Controllers:** Used where simultaneous read/write operations prevent system downtime during updates.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NOR Flash and NAND Flash in automotive applications?
    • ⤷ How does the 'Simultaneous Read/Write' feature improve system performance?
    • ⤷ What are the specific power requirements for the AM29BDD series?