Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-0509D-RZ

  • AI
    ### AM2D-0509D-RZ: Electronic Component Overview The **AM2D-0509D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in compact electronic circuits, typically used in industrial, telecommunications, and instrumentation applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 5V DC | | **Input Voltage Range** | 4.5V to 5.5V | | **Output Voltage** | Dual ±9V DC | | **Output Current** | ±111 mA | | **Isolation Voltage** | 1000V DC | | **Efficiency** | ~72% to 80% | | **Package Style** | SIP7 (Single In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Characteristics * **Dual Output:** Unlike single-rail converters, this "D" (Dual) model provides both a positive (+9V) and a negative (-9V) rail relative to a common ground. This is essential for powering operational amplifiers (Op-Amps) and sensitive analog circuitry. * **Galvanic Isolation:** It provides 1000V DC isolation between the input and output stages. This protects sensitive logic components from high-voltage spikes or noise on the power bus. * **Unregulated Output:** As part of the AM2D series, this specific model is generally "unregulated," meaning the output voltage may fluctuate slightly depending on the load and input voltage variations. * **Compact Form Factor:** The SIP7 package allows for high power density, saving significant board space in dense PCB designs. --- ### 3. Pinout Configuration (Standard SIP7) | Pin Number | Function | Description | | :---: | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (GND) | | 4 | -Vout | Negative Output Voltage (-9V) | | 5 | Common | Output Common / Ground | | 6 | +Vout | Positive Output Voltage (+9V) | --- ### 4. Typical Applications 1. **Analog Circuits:** Powering dual-supply Op-Amps where a balanced +/- rail is required for signal processing. 2. **Data Acquisition:** Isolating sensor inputs from the main microcontroller power to reduce noise. 3. **Industrial Controls:** Breaking ground loops in complex automated systems. 4. **Communication Ports:** Providing isolated power for RS-232 or RS-485 interface drivers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a regulated and unregulated DC-DC converter in this context?
    • ⤷ Are there specific decoupling capacitors recommended for the AM2D-0509D-RZ?
    • ⤷ Can this converter be used to create an 18V single output?