Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-1209S-RZ

  • AI
    ## Technical Overview of AM2D-1209S-RZ The **AM2D-1209S-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is designed to provide isolation and voltage regulation in compact electronic circuits, typically used in industrial and communication applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 10.8V to 13.2V (12V Nominal) | | **Output Voltage** | 9V DC | | **Output Current** | 222 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~80% | | **Package Type** | SIP7 (Single In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The AM2D-1209S-RZ operates as a **Fixed Input, Isolated, Unregulated DC-DC Converter**. * **Isolation:** It provides a galvanic barrier of 1000VDC between the input and output stages. This is crucial for protecting sensitive logic components from high-voltage spikes or noise on the power rail. * **Conversion:** It takes a nominal 12V input and steps it down to a stable 9V output. * **Protection:** It usually includes continuous short-circuit protection with auto-recovery, ensuring the module survives accidental wiring errors. --- ### 3. Pin Configuration (SIP7) The module follows a standard 7-pin footprint, though some pins may be omitted depending on the specific series: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 4 | -Vout | Negative Output Voltage | | 6 | +Vout | Positive Output Voltage | *(Note: Pins 3 and 5 are typically omitted in this specific single-output model).* --- ### 4. Typical Applications * **Industrial Controls:** Powering sensors that require isolation from the main PLC power supply. * **Digital Circuits:** Providing a clean 9V rail for analog components in a 12V system. * **Data Communication:** Eliminating ground loops in RS-485 or CAN bus interfaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a regulated and unregulated DC-DC converter like this one?
    • ⤷ How does 'Galvanic Isolation' protect my circuit components?
    • ⤷ What external capacitors are recommended for noise reduction with this module?