Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-1215D-RZ

  • AI
    ### Technical Overview: AM2D-1215D-RZ The **AM2D-1215D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D series, which features 2W unregulated power modules designed for board-level power distribution where isolation and voltage conversion are required. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12 VDC (Nominal range: 10.8V - 13.2V) | | **Output Voltage** | ±15 VDC (Dual Output) | | **Output Current** | ±67 mA (Total 2 Watts) | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~80% | | **Package Style** | SIP7 (Single In-line Package) | | **Operating Temp** | -40°C to +85°C | --- ### Internal Electronic Architecture The device consists of several internal electronic stages to facilitate power conversion: 1. **Switching Oscillator:** Converts the incoming 12V DC into a high-frequency AC signal. 2. **Transformer (Isolation Barrier):** Uses magnetic coupling to transfer energy from the primary to the secondary side. This provides the **1000VDC isolation**, preventing electrical noise or fault currents from crossing between circuits. 3. **Rectification & Filtering:** The AC signal on the secondary side is converted back to DC (±15V) and filtered using internal capacitors to reduce ripple and noise. 4. **Dual Output Configuration:** Unlike single output converters, this part provides two symmetric rails (+15V and -15V) relative to a common ground (COM). --- ### Pin Configuration (SIP7 Package) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage (+12V) | | 2 | -Vin | Negative Input Voltage (Ground) | | 4 | -Vout | Negative Output Voltage (-15V) | | 5 | Common | Output Common (Ground) | | 6 | +Vout | Positive Output Voltage (+15V) | --- ### Application Usage This component is typically used in the following electronic circuits: * **Operational Amplifiers (Op-Amps):** Providing the necessary positive and negative rails for analog signal processing. * **Industrial Control Systems:** Isolating sensitive logic circuits from noisy power lines. * **Data Acquisition:** Eliminating ground loops in distributed sensor networks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters like this one?
    • ⤷ How can I reduce the output ripple noise for the AM2D-1215D-RZ?
    • ⤷ What is the maximum capacitive load this converter can drive?