Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-2405S-RZ

  • AI
    ### Overview of the AM2D-2405S-RZ The **AM2D-2405S-RZ** is a high-performance DC-DC converter manufactured by Aimtec. It is designed to provide isolation and voltage regulation in industrial and commercial electronic circuits. --- ### Technical Specifications The following table outlines the primary electrical characteristics of this specific component: | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) | | **Output Voltage** | 5V DC | | **Output Current** | 400 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Type** | DIP7 (Dual In-line Package) | | **Efficiency** | ~72% to 80% (depending on load) | --- ### Key Electronic Features * **Galvanic Isolation:** It provides a physical barrier between the input and output circuits (1000VDC), which protects sensitive downstream components from surges and reduces noise interference. * **Compact Footprint:** The "RZ" suffix indicates a specific pinout configuration in a compact SIP/DIP footprint, making it ideal for space-constrained PCB designs. * **Regulated vs. Unregulated:** This model typically belongs to a family of fixed-input converters. It is optimized for stability within a narrow input range. * **Protection:** It generally includes short-circuit protection (often momentary) to prevent catastrophic failure during fault conditions. --- ### Pin Configuration (Typical DIP7) The device uses a standard pinout to facilitate easy integration. Below is a general representation: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 4 | +Vout | Positive Output Voltage | | 6 | -Vout | Negative Output Voltage | --- ### Common Applications 1. **Industrial Controls:** Powering sensors and microcontrollers from a 24V industrial bus. 2. **Communication Systems:** Providing isolated power to transceivers (like RS-485 or CAN bus) to prevent ground loops. 3. **Medical Equipment:** Used in non-patient-critical circuits requiring basic isolation. 4. **Distributed Power Architectures:** Converting a primary 24V rail into localized 5V logic levels.
    ✨ Follow-up Questions
    • ⤷ What are the thermal operating limits for the AM2D-2405S-RZ?
    • ⤷ How does the 'RZ' suffix differ from the 'NZ' or standard suffixes in Aimtec parts?
    • ⤷ Can this converter be used in parallel to increase output current?