Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-2409D-RZ

  • AI
    ### Overview of the AM2D-2409D-RZ The **AM2D-2409D-RZ** is a high-performance, 2-Watt DC-DC converter manufactured by Aimtec. It is designed to provide regulated power with electrical isolation, commonly used in industrial and telecommunications applications. --- ### Key Technical Specifications Below are the primary electronic characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) | | **Output Voltage** | Dual ±9V DC | | **Output Current** | ±111 mA (Max) | | **Isolation Voltage** | 1000 VDC | | **Efficiency** | ~78% to 82% | | **Package Style** | SIP7 (Single In-line Package) | | **Operating Temp** | -40°C to +85°C | --- ### Internal Electronic Components & Design The AM2D-2409D-RZ is a self-contained module, but internally it consists of several critical electronic stages: 1. **Input Filter Stage**: * Contains internal capacitors to suppress high-frequency noise and Ripple/Noise from the power source. 2. **Switching Circuit (Oscillator)**: * Uses a high-frequency switching transistor to convert the 24V DC input into a high-frequency AC signal. 3. **Isolation Transformer**: * The core of the "RZ" series. It transfers energy from the primary to the secondary side via a magnetic field, ensuring that the input and output grounds are electrically separated. 4. **Rectification & Smoothing**: * High-speed Schottky diodes convert the AC back to DC. * Output capacitors smooth the signal to achieve the final ±9V stable output. --- ### Pin Configuration (SIP7) The device uses a standard 7-pin layout. The pinout is essential for PCB design: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +V Input | Positive Supply Input (24V) | | 2 | -V Input | Negative Supply Input (Ground/Return) | | 4 | -V Output | Negative 9V Output | | 5 | Common | Common Ground for Dual Output | | 6 | +V Output | Positive 9V Output | | 7 | NC / No Pin | Typically no connection | --- ### Application Considerations * **Dual Output**: Since it provides ±9V, it is ideal for powering Operational Amplifiers (Op-Amps) and sensitive analog circuitry that requires a bipolar power supply. * **Protection**: The unit typically includes continuous short-circuit protection with auto-recovery, protecting the rest of your electronic components from faults. * **Decoupling**: It is recommended to place a 2.2µF to 10µF electrolytic capacitor on the input and output to further reduce ripple.
    ✨ Follow-up Questions
    • ⤷ What are the specific noise reduction techniques recommended for this DC-DC converter?
    • ⤷ Can this module be used in medical equipment requiring higher isolation?
    • ⤷ What is the physical dimension and footprint for PCB layout?