Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-2409S-RZ

  • AI
    The **AM2D-2409S-RZ** is a compact, high-performance DC-DC converter manufactured by Aimtec. It belongs to a class of power modules designed to provide isolation and voltage regulation in industrial and communication electronics. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the component: | Feature | Specification | |:---|:---| | **Input Voltage Range** | 21.6 - 26.4 VDC (24V Nominal) | | **Output Voltage** | 9 VDC | | **Output Current** | 222 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Style** | SIP7 (Single In-line Package) | | **Efficiency** | ~75% - 80% | --- ### 2. Functional Description The internal architecture of the AM2D-2409S-RZ typically consists of three main stages: 1. **Switching Regulator:** Converts the DC input into a high-frequency AC signal. 2. **Isolation Transformer:** Transfers energy across a magnetic barrier. This ensures that the input circuit is galvanically isolated from the output circuit, protecting sensitive components from noise or surges. 3. **Rectification & Filtering:** Converts the AC back into a stable 9V DC output with minimal ripple. --- ### 3. Pinout Configuration The SIP7 package generally follows a standardized pin arrangement for ease of PCB layout: | Pin Number | Function | Description | |:---:|:---|:---| | 1 | +V Input | Positive Supply Voltage | | 2 | -V Input | Negative Supply Voltage (Ground) | | 4 | -V Output | Negative Output Voltage | | 6 | +V Output | Positive Output Voltage | *(Note: Pins 3 and 5 are typically omitted in this specific SIP7 footprint).* --- ### 4. Common Applications * **Industrial Controls:** Powering 9V sensors from a standard 24V industrial rail. * **Data Acquisition:** Providing isolated power to analog-to-digital converters (ADCs) to prevent ground loops. * **Telecom Equipment:** Distributing localized power on line cards. * **Test & Measurement:** Isolation for handheld or benchtop instruments. --- ### 5. Design Considerations * **Heat Dissipation:** While the module is efficient, it relies on natural convection. Ensure adequate spacing on the PCB. * **Capacitance Loading:** To reduce output ripple, a low-ESR capacitor (e.g., 10µF) can be added to the output, but exceeding the maximum capacitive load rating may cause startup issues. * **Derating:** The power output should be derated if the ambient temperature exceeds 71°C.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature range for the AM2D-2409S-RZ?
    • ⤷ Does this model feature short-circuit protection?
    • ⤷ What are the recommended external filter components for EMI reduction?