Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-2415SH30-RZ

  • AI
    ### AM2D-2415SH30-RZ: Overview and Specifications The **AM2D-2415SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in industrial and commercial electronic circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6 to 26.4 VDC (Nominal 24V) | | **Output Voltage** | 15 VDC | | **Output Current** | 133 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC | | **Efficiency** | ~80% | | **Package Type** | DIP14 (Dual In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown To understand the electronic capabilities of this part, we can decode the nomenclature: * **AM2D**: Aimtec 2 Watt DC-DC Converter series. * **24**: Nominal Input Voltage (24V). * **15**: Output Voltage (15V). * **S**: Single Output. * **H30**: 3000 VDC Isolation (H stands for High Isolation). * **RZ**: Package style and RoHS compliance designation. --- ### 3. Core Electronic Functions 1. **Galvanic Isolation**: The "H30" rating means it can withstand up to 3000V DC between the input and output circuits. This protects sensitive downstream components from high-voltage surges on the input side. 2. **Voltage Transformation**: It takes a fluctuating or standard 24V input and converts it to a stable 15V output, suitable for powering operational amplifiers, sensors, or logic gates. 3. **Short Circuit Protection**: This model typically includes continuous short-circuit protection to prevent damage to the internal circuitry during a fault. --- ### 4. Typical Applications * **Industrial Controls**: Providing isolated power to PLCs or sensors. * **Data Acquisition**: Reducing noise by isolating digital and analog power rails. * **Telecommunications**: Powering interface cards and peripheral devices. ---
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the DIP14 package of this converter?
    • ⤷ Can this model be used in parallel for higher power output?
    • ⤷ What is the typical ripple and noise level for the 15V output?