Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM2D-4805D-RZ

  • AI
    The **AM2D-4805D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact footprint, commonly used in industrial and telecommunications equipment. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (Nominal 48V) | | **Output Voltage** | ±5V DC (Dual Output) | | **Output Current** | ±200mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000V DC | | **Package Style** | SIP7 (Single In-line Package) | | **Efficiency** | ~72% to 78% | --- ### 2. Electronic Characteristics & Functionality #### Input Features * **Wide Input Range:** The "48" in the part number signifies a 48V nominal input. The device can handle fluctuations between 36V and 72V, making it ideal for battery-powered systems or telecom lines. * **Input Filter:** Typically includes an internal capacitor to reduce reflected ripple current. #### Output Features * **Dual Output:** The "D" suffix indicates a dual output (+5V and -5V). This is essential for powering operational amplifiers (Op-Amps) or analog-to-digital converters that require a split rail. * **Voltage Accuracy:** Maintains a tight output tolerance, though it is usually unregulated or semi-regulated depending on the specific sub-series load conditions. #### Isolation and Protection * **Galvanic Isolation:** Provides 1000V DC isolation between the input and output stages. This protects sensitive downstream components from high-voltage surges on the input line. * **Short Circuit Protection:** Generally equipped with continuous short-circuit protection (check specific datasheet revision for "Auto-recovery" features). --- ### 3. Pinout Configuration (SIP7 Package) The SIP7 layout is standardized for these modules to save PCB real estate. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 4 | -Vout | Negative Output (-5V) | | 5 | Common | Output Common (0V / Center Tap) | | 6 | +Vout | Positive Output (+5V) | --- ### 4. Typical Applications 1. **Industrial Controls:** Powering isolated sensors and logic circuits. 2. **Telecommunications:** Converting 48V rack power to usable logic levels. 3. **Data Acquisition:** Providing clean, isolated split-rail power for analog signal processing. 4. **Mixed-Signal Circuits:** Separating digital noise from sensitive analog components.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AM2D-RZ series and the regulated AM2DR-RZ series?
    • ⤷ How much external capacitance is recommended for the output of the AM2D-4805D-RZ?
    • ⤷ Can this converter be used in environments with temperatures exceeding 85°C?