Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM3T-4803D-RZ

  • AI
    The **AM3T-4803D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. This component is designed to convert a wide range of input DC voltage into a stable, dual-output DC voltage, commonly used in industrial and telecommunications equipment. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Aimtec | | **Series** | AM3T-RZ | | **Wattage** | 3 Watts | | **Input Voltage Range** | 36V to 72V DC (48V Nominal) | | **Output Voltage** | ±3.3V DC (Dual Output) | | **Output Current** | ±454 mA | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~72% | | **Package / Case** | DIP-24 (Plastic Case) | --- ### 2. Functional Characteristics The "RZ" suffix and the internal architecture of the AM3T series provide several critical electronic functions: * **Wide Input Range (2:1):** It accepts fluctuations in the input power source (from 36V to 72V), making it ideal for battery-operated systems or unstable industrial power grids. * **Dual Output:** It provides both a positive (+3.3V) and a negative (-3.3V) rail. This is essential for powering operational amplifiers (Op-Amps) and sensitive analog-to-digital converters. * **Galvanic Isolation:** With 1500 VDC isolation, it protects the output side components from electrical noise or surges originating on the input side. * **Protective Features:** * **Continuous Short Circuit Protection:** Prevents damage to the converter if the load fails. * **Low Ripple and Noise:** Ensures high signal integrity for downstream components. --- ### 3. Pin Configuration (DIP-24) The physical layout follows the industry-standard DIP-24 footprint. While you should always consult the specific datasheet for the layout, the typical configuration for a dual-output AM3T is: | Pin Number | Function | | :--- | :--- | | 2, 3 | -V Input | | 9 | Common (Ground for Output) | | 11 | -V Output | | 14 | +V Output | | 16 | Common (Ground for Output) | | 22, 23 | +V Input | --- ### 4. Common Applications * **Industrial Controls:** Powering sensors and PLC modules. * **Data Communications:** Providing isolated power to communication interfaces (RS-485, CAN bus). * **Instrumentation:** Supplying bipolar power to precision measurement circuits. * **Distributed Power Architectures:** Where localized voltage regulation is required on a large PCB.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the AM3T-4803D-RZ at full load?
    • ⤷ Can this DC-DC converter be used in parallel with another unit to increase output current?
    • ⤷ What is the difference between the RZ series and the standard AM3T series?