Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM3T-4809S-RZ

  • AI
    The **AM3T-4809S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact package, commonly used in industrial and telecommunications applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AM3T-4809S-RZ: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 72V DC (4:1 Ultra-wide input) | | **Nominal Input Voltage** | 48V DC | | **Output Voltage** | 9V DC | | **Output Current** | 333 mA (Max) | | **Max Output Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~80% | | **Package Type** | DIP24 (Plastic Case) | --- ### 2. Core Features * **4:1 Wide Input Range:** Unlike standard converters, this part can handle a vast range of input voltages (18-72V), making it ideal for systems with fluctuating battery voltages or multiple power sources. * **Isolation:** Provides 1500V DC galvanic isolation between the input and output, protecting sensitive downstream components from high-voltage spikes or ground loops. * **Protection Mechanisms:** * **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed. * **Over Voltage Protection:** Prevents damage to the load. * **Operating Temperature:** Typically rated for **-40°C to +85°C**, allowing for use in harsh environments without external cooling. --- ### 3. Pin Configuration (DIP24) The device follows a standard industrial footprint. While you should always consult the official datasheet for PCB layout, the typical pinout for this series is: ```text Pin 2, 3 -> -V Input Pin 9 -> No Pin / NC Pin 11 -> No Connection Pin 14 -> +V Output Pin 16 -> -V Output Pin 22, 23 -> +V Input ``` --- ### 4. Typical Applications * **Industrial Control Systems:** Powering sensors and microcontrollers from a 48V industrial bus. * **Telecommunications:** Converting standard 48V telecom rails to logic-level 9V power. * **Distributed Power Architectures:** Used to provide local voltage regulation on a PCB to reduce noise interference. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended decoupling capacitors for the AM3T-4809S-RZ?
    • ⤷ Is there a surface-mount (SMD) equivalent for this DIP24 module?
    • ⤷ How does the efficiency change when the input voltage is at the maximum 72V?