Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM3T-4812D-RZ

  • AI
    ### Overview of the AM3T-4812D-RZ The **AM3T-4812D-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM3T series, designed to provide a regulated dual output voltage from a wide range of input voltages. These modules are commonly used in industrial, telecommunications, and distributed power architectures. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 72V DC (48V Nominal) | | **Output Voltage** | ±12V DC (Dual Output) | | **Output Current** | ±125 mA | | **Max Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~82% Typical | | **Package Type** | DIP24 (Dual In-line Package) | | **Operating Temp** | -40°C to +85°C | --- ### Key Internal Components and Features 1. **Isolation Barrier:** Uses an internal high-frequency transformer to provide galvanic isolation (1500VDC) between the input and output stages, protecting sensitive downstream electronics from input surges. 2. **Regulation Circuitry:** Includes an integrated PWM (Pulse Width Modulation) controller to maintain a stable ±12V output despite fluctuations in the 48V input line. 3. **Protection Features:** * **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed. * **Input Filter:** Typically features a Pi-network filter to minimize reflected ripple current. 4. **Case Material:** Housed in a non-conductive black plastic (UL94V-0 rated) or a nickel-plated copper shell (depending on specific RZ sub-variants) to assist with EMI shielding. --- ### Pin Configuration (DIP24) | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative Supply Input | | 9 | Common | Common Ground for Dual Output | | 11 | -V Output | Negative 12V Output | | 14 | +V Output | Positive 12V Output | | 16 | Common | Common Ground for Dual Output | | 22, 23 | +V Input | Positive Supply Input | --- ### Typical Application Circuit To reduce noise further, external capacitors are often added: ```text Input (+) ----[ L1 ]----+---- (Pin 22/23) | [C1] AM3T-4812D-RZ | Input (-) --------------+---- (Pin 2/3) C1: 100uF Electrolytic (Low ESR) L1: 12uH Inductor (Optional for EMI) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'RZ' and 'NZ' suffixes in Aimtec converters?
    • ⤷ Can this converter be used in 24V input systems despite being rated for 48V?
    • ⤷ How does the dual output (+/-12V) behave if the load is unbalanced?