Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM3T-RZ

  • AI
    ## Overview of the AM3T-RZ Series The **AM3T-RZ** is a series of high-performance, isolated **DC-DC converters** manufactured by Aimtec. These components are designed to convert a source of direct current (DC) from one voltage level to another while providing electrical isolation between the input and output. ### 1. Key Technical Specifications The series is categorized as a 3-watt converter housed in a compact SIP8 package. Below is a summary of the typical technical characteristics: | Feature | Specification | | :--- | :--- | | **Power Output** | 3 Watts | | **Input Voltage Range** | 2:1 Wide Input (e.g., 4.5-9V, 9-18V, 18-36V, 36-75V) | | **Isolation Voltage** | 1500 VDC (Standard) | | **Package Style** | SIP8 (Single In-line Package) | | **Efficiency** | Up to 84% | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Electronic Components & Architecture The AM3T-RZ utilizes several critical internal electronic parts to achieve stable power conversion: * **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that manages the conversion efficiency and regulation. * **Isolation Transformer:** A miniature high-frequency transformer that provides the 1500VDC galvanic isolation between input and output circuits. * **Filtering Capacitors:** Internal ceramic capacitors used to minimize input and output ripple/noise. * **Schottky Diodes:** Used in the rectification stage for low forward voltage drop and fast switching speeds. --- ### 3. Pinout Configuration (SIP8) Understanding the physical electronic interface is crucial for PCB design. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 3 | Remote On/Off | Control pin for enabling/disabling the unit | | 5 | NC | No Connection | | 6 | +Vout | Positive Output Voltage | | 7 | -Vout | Negative Output Voltage | | 8 | CS | Case Connection (Optional depending on model) | --- ### 4. Application Areas These parts are commonly found in electronic systems requiring regulated power and noise isolation: 1. **Industrial Controls:** Powering sensors and microcontrollers in noisy environments. 2. **Communication Equipment:** Providing isolated power for telecommunication line cards. 3. **Instrumentation:** Precision measurement tools requiring low-ripple power sources. 4. **Distributed Power Architectures:** Where localized voltage regulation is needed on a large PCB.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2:1 and 4:1 input range versions of this series?
    • ⤷ How do I implement the Remote On/Off pin in a logic circuit?
    • ⤷ What external filters are recommended to meet EMI Class A/B standards for the AM3T-RZ?