Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM3TW-R-Z

  • AI
    The **AM3TW-R-Z** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is part of the AM3TW series, designed to provide regulated output power in a compact 24-pin DIP package. --- ## 1. Core Technical Specifications The following table outlines the primary electrical characteristics of the AM3TW-R-Z series: | Feature | Specification | | :--- | :--- | | **Power Rating** | 3 Watts | | **Input Voltage Range** | 4:1 Wide Input (e.g., 9-36VDC or 18-72VDC) | | **Isolation Voltage** | 3000 VDC | | **Package Type** | DIP24 (Plastic or Nickel-coated Copper) | | **Efficiency** | Up to 84% | | **Operating Temperature** | -40°C to +85°C | | **Output Type** | Regulated (Single or Dual options) | --- ## 2. Key Features and Components The device integrates several protection and functional circuits into a small footprint: ### Protective Features * **Continuous Short Circuit Protection:** Automatically recovers once the fault condition is removed. * **Over Voltage Protection:** Prevents downstream component damage in case of feedback loop failure. * **Input Filter:** Typically features a built-in Pi ($\pi$) filter to reduce reflected ripple current and EMI. ### Isolation and Construction * **Galvanic Isolation:** The 3000 VDC isolation ensures that noise or high-voltage spikes on the input side do not transfer to the sensitive output load. * **Material:** Often housed in a non-conductive black plastic case (UL94V-0 rated). --- ## 3. Pinout Configuration (Standard DIP24) While specific pin functions depend on whether the model is Single or Dual output, the standard layout is as follows: | Pin Number | Function (Single Output) | | :--- | :--- | | 2, 3 | - V Input | | 9 | No Pin / NC | | 11 | NC (No Connection) | | 14 | + V Output | | 16 | - V Output | | 22, 23 | + V Input | --- ## 4. Typical Applications 1. **Industrial Systems:** Powering sensors and PLC modules where ground loops must be eliminated. 2. **Telecommunications:** Converting battery voltages (24V/48V) to stable logic levels. 3. **Instrumentation:** Providing clean power to high-precision analog-to-digital converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2:1 and 4:1 input ranges for this series?
    • ⤷ How do I calculate the thermal derating for the AM3TW-R-Z?
    • ⤷ Does this model require external capacitors for stability?