AM41DL6408H
AI

## Overview of the AM41DL6408H
The **AM41DL6408H** is a specialized Multi-Chip Package (MCP) memory integrated circuit. It is designed to save board space in embedded systems, such as older mobile phones and handheld devices, by combining two different memory technologies into a single physical package.
### 1. Key Internal Components
The device typically integrates **Flash Memory** and **SRAM** (Static Random Access Memory). This allows the system to store firmware permanently while having fast, volatile memory for processing.
| Component | Type | Capacity | Purpose |
| :--- | :--- | :--- | :--- |
| **Flash Memory** | NOR Flash | 64 Megabits (Mb) | Non-volatile storage for OS and applications. |
| **RAM** | SRAM | 8 Megabits (Mb) | Volatile memory for temporary data and execution. |
---
### 2. Technical Specifications
The "H" suffix in the part number usually refers to specific voltage or speed ratings. Below are the common electrical characteristics for this series:
* **Architecture:** 8M x 8-bit (Flash) / 1M x 8-bit (SRAM).
* **Operating Voltage:** Typically 2.7V to 3.3V (Low power consumption).
* **Interface:** Parallel interface for both Flash and SRAM.
* **Package Type:** Usually a **BGA** (Ball Grid Array), which reduces the footprint compared to separate TSOP chips.
* **Access Time:** Roughly 70ns to 85ns (Standard for parallel NOR/SRAM of its era).
---
### 3. Pinout and Signal Interaction
Since it is an MCP, it shares several address and data lines to minimize pin count, but it uses separate **Chip Enable (CE)** signals to distinguish between the Flash and the SRAM.
| Signal Name | Description |
| :--- | :--- |
| **A0 - A21** | Address Inputs (Shared between Flash and SRAM). |
| **DQ0 - DQ7** | Data Inputs/Outputs (8-bit bus). |
| **CE#f / CE#s** | Separate Chip Enable pins for Flash and SRAM. |
| **WE#** | Write Enable signal. |
| **OE#** | Output Enable (Read) signal. |
---
### 4. Typical Applications
This part was widely used in the early-to-mid 2000s in portable electronics that required a compact form factor:
* **Feature Phones:** Storing the operating system and contact lists.
* **GPS Handhelds:** Storing map data and system variables.
* **Industrial Controllers:** Where space is at a premium and high reliability is required.
---
- ⤷
What are the modern replacements for MCP memory like the AM41DL6408H?
- ⤷ How do I interface this chip with a modern microcontroller like an ESP32 or STM32?
- ⤷ What is the difference between NOR Flash and NAND Flash in these types of chips?