Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM4TW-R-Z

  • AI
    The **AM4TW-R-Z** is a series of high-performance DC-DC converters manufactured by **Aimtec**. These components are specifically designed for industrial applications requiring a wide input voltage range and high isolation in a compact SIP9 package. --- ### 1. Key Technical Specifications The AM4TW-R-Z series is categorized by its 4-watt output capability and ultra-wide 4:1 input ratio. | Parameter | Specification | | :--- | :--- | | **Output Power** | 4 Watts | | **Input Voltage Range** | 4:1 Ratio (e.g., 9-36VDC, 18-75VDC) | | **Isolation Voltage** | 1600 VDC (Standard) | | **Package Type** | SIP9 (Single In-line Package) | | **Efficiency** | Up to 87% | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Electronic Features The device incorporates several protective and functional circuits within its small footprint: * **Continuous Short Circuit Protection:** Features "Auto-Recovery," meaning the device will resume normal operation once the fault is removed without needing a power cycle. * **Remote On/Off Control:** Allows the system to toggle the converter state electronically to save power during standby modes. * **Input Filter:** Typically includes an internal capacitor filter to reduce reflected ripple current, though external capacitors are often recommended for EMI compliance. * **Regulated Output:** Ensures a stable output voltage regardless of load changes or input fluctuations within the specified range. --- ### 3. Pin Configuration (SIP9) The AM4TW-R-Z uses a standard 9-pin layout. While you should always consult the specific datasheet for your model, the general layout is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | -Vin | Negative Input Voltage | | 2 | +Vin | Positive Input Voltage | | 3 | Remote On/Off | Control Pin (High/Low logic) | | 6 | +Vout | Positive Output Voltage | | 7 | -Vout | Negative Output Voltage | | 8/9 | NC / Trim | No Connection or Trim (Model dependent) | --- ### 4. Typical Applications Due to its robust isolation and wide input range, this part is commonly found in: 1. **Industrial Control Systems:** Powering sensors and PLCs where voltage spikes are common. 2. **Telecommunications:** Converting battery bank voltages to stable logic levels. 3. **Data Acquisition:** Providing isolated power to sensitive analog-to-digital converters to prevent ground loops. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 2:1 and 4:1 input ratios in these converters?
    • ⤷ How do I implement the Remote On/Off pin in a microcontroller circuit?
    • ⤷ What external components are needed to meet Class A EMI requirements for this part?