Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AM6411...ALV

  • AI
    The **AM6411** (specifically the **AM6411BSFHAALV**) is part of the Sitara™ family from Texas Instruments. It is a high-performance, cost-optimized microprocessor designed for industrial applications that require a balance of real-time processing and standard application execution. --- ### 1. Core Architecture The AM6411 is unique because it combines "Application" cores with "Real-time" cores on a single chip. | Component | Quantity | Specification | Purpose | | :--- | :--- | :--- | :--- | | **Arm Cortex-A53** | 1 | Up to 1.0 GHz | Runs Linux or standard OS high-level tasks. | | **Arm Cortex-R5F** | 2 | Up to 800 MHz | Low-latency, deterministic real-time control. | | **Arm Cortex-M4F** | 1 | Up to 400 MHz | General purpose/Safety/Housekeeping tasks. | --- ### 2. Key Peripheral Modules The chip is heavily integrated to reduce the need for external components: * **Networking (PRU-ICSSG):** Contains Programmable Real-Time Units (PRU) that support industrial protocols like EtherCAT, PROFINET, and EtherNet/IP at Gigabit speeds. * **Memory Interfaces:** * **LPDDR4/DDR4:** 16-bit interface with inline ECC (Error Correcting Code). * **Flash:** OSPI (Octal SPI) and QSPI support for fast booting. * **Connectivity:** * **PCIe Gen 2:** For high-speed expansion. * **USB 3.1 Gen 1:** Dual-role support. * **Industrial I/O:** CAN-FD, UART, SPI, I2C, and ADC. --- ### 3. Physical & Electrical Specifications (ALV Package) The "ALV" suffix refers to the specific physical package and thermal characteristics of the part. | Feature | Details | | :--- | :--- | | **Package Type** | FCBGA (Flip Chip Ball Grid Array) | | **Pin Count** | 441 pins | | **Dimensions** | 17.2 mm × 17.2 mm | | **Pitch** | 0.8 mm | | **Temperature Grade** | Extended Industrial (-40°C to 105°C) | --- ### 4. Typical Application Circuit When designing with the AM6411, the following sub-systems are required: 1. **Power Management (PMIC):** Usually paired with the **TPS65219** to manage multiple voltage rails (0.85V core, 1.1V/1.8V/3.3V I/O). 2. **Clocking:** Requires a 25MHz or 24MHz crystal. 3. **Storage:** Typically paired with an eMMC or SD Card for the OS and an OSPI Flash for the bootloader. --- ### Summary of Strengths * **Real-time focus:** The R5F cores handle motor control or PLC logic while the A53 handles the HMI or Cloud connectivity. * **Security:** Includes a Hardware Security Module (HSM) for secure boot and cryptography. * **Reliability:** Extensive use of ECC on internal and external memories makes it suitable for functional safety environments.
    ✨ Follow-up Questions
    • ⤷What are the differences between AM6411 and AM6442?
    • ⤷ Which PMIC is recommended for the AM64x series?
    • ⤷ Does the AM6411 support 3D graphics acceleration?