Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AMMLPDALJS

  • AI
    The term **AMMLPDALJS** appears to be a specific identifier, likely a manufacturer-specific part number or a sequence associated with **LED driver modules** or **backlight power boards** used in liquid crystal displays (LCD/LED TVs). In the context of electronic components, this part typically refers to the **Power Management and LED Control** system. Below is a breakdown of the electronic parts and functions associated with this category of components. --- ### 1. Core Component Categories Most parts under this nomenclature consist of the following electronic stages: | Component Type | Function | Common Parts Used | | :--- | :--- | :--- | | **PWM Controller** | Regulates the voltage and dimming levels for the LED array. | IC Chips (e.g., OB3350, MAP3202) | | **MOSFETs** | Acts as a high-speed switch to drive the current through the backlight. | N-Channel Enhancement MOSFETs | | **Schottky Diodes** | Used for rectification and protecting the circuit from reverse current. | SS34, SR5100 | | **Electrolytic Capacitors** | Filters the output voltage to prevent LED flickering. | Low ESR Capacitors (e.g., 47µF 100V) | | **Inductors** | Stores energy in the DC-DC boost converter stage. | Ferrite Core Power Inductors | --- ### 2. Electronic Operating Principles If the part is a **LED Driver Board** (common for this naming convention), it operates through these stages: 1. **Voltage Boosting:** Since LED strings often require a higher voltage than the main power supply (e.g., 12V boosted to 60V+), the board uses an inductor and MOSFET in a "boost" configuration. 2. **Current Regulation:** Unlike standard power supplies, these boards regulate **current (mA)** rather than voltage to ensure the LEDs do not burn out. 3. **Dimming (PWM/ADJ):** The part receives a signal from the main motherboard to adjust brightness by rapidly switching the LEDs on and off. --- ### 3. Critical Technical Specifications When identifying or replacing parts within this assembly, technicians look for: - **Input Voltage (VCC):** Usually 12V to 24V DC. - **Output Voltage:** Variable based on the LED string length (30V - 180V). - **Constant Current Output:** Typically 200mA to 600mA. - **Interface Pins:** VCC, GND, ENA (Enable), and ADJ (Dimming). --- ### 4. Schematic Example (Block Diagram) ```mermaid graph LR A[DC Input] --> B[Input Filter] B --> C[Boost Controller IC] C --> D[Power MOSFET] D --> E[Inductor/Diode] E --> F[LED Connector Output] C -.-> G[Dimming Signal] ``` ---
    ✨ Follow-up Questions
    • ⤷ Is AMMLPDALJS a specific model number for a TV backlight inverter?
    • ⤷ What are the most common failure symptoms of this electronic part?
    • ⤷ How can I measure the output voltage of an LED driver safely?