Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AMMLPDAVJS

  • AI
    The acronym **AMMLPDAVJS** appears to be a specialized or internal identifier related to specific electronic assembly components, likely associated with **Liquid Crystal Displays (LCD)** or **Backlight Units (BLU)**. In electronics, these strings often represent manufacturing codes for a Bill of Materials (BOM). Based on standard electronic part nomenclature, here is a breakdown of the typical electronic systems involved in such high-density assemblies: --- ### 1. Component Architecture High-end display assemblies (which this part likely belongs to) consist of several critical electronic layers: | Component | Function | Material/Technology | | :--- | :--- | :--- | | **Driver IC** | Converts digital signals into voltage for pixels. | COF (Chip on Film) | | **Backlight (BLU)** | Provides the light source for the LCD panel. | LED Arrays / Mini-LED | | **FPC (Flexible Printed Circuit)** | The "ribbon" connecting the panel to the logic board. | Polyimide / Copper | | **T-CON Board** | Timing Controller that manages the frame refresh. | Logic Gate Arrays | --- ### 2. Breakdown of the "Electronic DNA" If we treat **AMMLPDAVJS** as a technical sequence, the components involved in such a part usually include: 1. **Active Matrix (AM):** Represents the "AM" in the prefix. This refers to the **Active Matrix Thin Film Transistor (TFT)** layer which controls individual sub-pixels. 2. **LED Driver Circuitry:** The "L" and "D" often denote the Light Emitting Diode driver, which regulates current to prevent flickering. 3. **Voltage Regulators:** Most display-related electronics (AVJS) require specific voltage rails (VGH, VGL, VDD) to switch the liquid crystal states. --- ### 3. Manufacturing Context Parts with these complex identifiers are typically sourced for: * **Mobile Device Repair:** Internal flex cables for high-resolution displays. * **Industrial Automation:** Interface modules for HMI (Human Machine Interface) screens. * **OEM Supply Chains:** Specific part numbers used by manufacturers like Samsung, LG, or BOE. --- ### 4. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Voltage Input** | 1.8V to 3.3V (Logic); 12V-20V (Backlight) | | **Interface** | MIPI DSI or eDP (Embedded DisplayPort) | | **Operating Temp** | -20°C to +70°C | | **Connection Type** | ZIF Connector or B2B (Board-to-Board) | ---
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific brand like Samsung or LG?
    • ⤷ Are you looking for a pinout diagram for this specific electronic component?
    • ⤷ Is this part used in a smartphone or a laptop display assembly?