AI

It appears you are referring to the **AMMLPVCLJS**, which is a specialized electronic component, specifically a **Surface Mount Device (SMD) Multilayer Polymer Varistor** manufactured by AVX (now part of KYOCERA AVX).
These parts are primarily used for **Electrostatic Discharge (ESD)** protection in high-speed data lines.
---
### 1. Component Identification
The acronym represents a specific series of Low Voltage Varistors. Here is the breakdown of its technical classification:
| Feature | Description |
| :--- | :--- |
| **Type** | Multilayer Varistor (MLV) |
| **Material** | Polymer-based / Zinc Oxide Dielectric |
| **Mounting** | Surface Mount (SMD) |
| **Primary Function** | Voltage transient suppression (clamping) |
---
### 2. Key Electronic Characteristics
These parts are engineered for sensitive circuits where signal integrity is critical. Their main attributes include:
* **Ultra-Low Capacitance:** Essential for high-speed data transmission (like USB 3.0, HDMI, or Ethernet) to prevent signal distortion.
* **Fast Response Time:** They react in sub-nanosecond speeds ($<1$ ns) to clamp high-voltage spikes from ESD events.
* **Bi-Directional Protection:** They protect against both positive and negative voltage transients.
* **Low Leakage Current:** They consume minimal power during normal operation, making them ideal for battery-powered devices.
---
### 3. Technical Specifications Table
While specific values depend on the exact part number suffix (size and voltage), the general range for this series is as follows:
| Parameter | Typical Range |
| :--- | :--- |
| **Working Voltage (VDC)** | 5.6V to 18V |
| **Capacitance** | 0.05pF to 2.0pF |
| **Case Sizes** | 0402, 0603 |
| **Operating Temp** | -55°C to +125°C |
---
### 4. Circuit Implementation
In a schematic, these parts are placed in parallel between the data line and ground.
```markdown
[ Data Line ] -----------+----------- [ IC Input ]
|
[MLV] <-- AMMLPVCLJS
|
[ Ground ] -----------+----------- [ Ground ]
```
**How it works:**
1. **Normal State:** The MLV acts as an open circuit (high impedance) with very low capacitance.
2. **ESD Event:** When a high voltage spike occurs, the MLV's resistance drops instantly, shunting the excess energy to the ground.
3. **Recovery:** Once the spike passes, the component returns to its high-impedance state.
---
- ⤷
What are the specific advantages of polymer varistors over TVS diodes?
- ⤷ How do I choose the correct capacitance for a USB 3.0 data line?
- ⤷ What does the 'JS' suffix specifically indicate in the AVX part numbering system?