Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AMMLPVCXCE

  • AI
    It appears you are referring to a specific nomenclature or a complex set of acronyms often found in industrial automation, PCB design, or electronic component labeling. While "**AMMLPVCXCE**" is not a standard industry-wide component name (like a Resistor or Transistor), it can be broken down into typical electronic engineering designations or part-number segments. Based on industry standards (IEC, ANSI), here is an explanation of what these characters represent in the context of electronic systems: --- ### 1. Breakdown of Designations In complex systems (like those from Siemens, ABB, or custom PCB layouts), these letters often correspond to specific functional categories: | Code Segment | Likely Representation | Explanation | | :--- | :--- | :--- | | **AM** | Amplifier / Analog Module | Components that increase signal strength or handle analog inputs. | | **ML** | Multi-Layer | Often refers to Multi-Layer Ceramic Capacitors (MLCC) or Multi-layer PCBs. | | **PV** | Photovoltaic / Peak Voltage | Parts related to solar energy conversion or high-voltage protection (Varistors). | | **CX** | X-Class Capacitor | Safety-rated capacitors used for EMI/RFI filtering across power lines. | | **CE** | Consumer Electronics / Conformité Européenne | Certification mark or specific electrolytic capacitor designation (Capacitance Electrolytic). | --- ### 2. Key Electronic Parts Analysis If this string represents a bill of materials or a functional block, here are the primary parts involved: #### A. The "CX" Component (Safety Capacitors) * **Function:** These are "Line-to-Line" capacitors. * **Safety:** They are designed to fail "short," which triggers a fuse, preventing fire hazards during power surges. * **Material:** Usually metalized polypropylene film. #### B. The "PV" Component (Protection/Power) * **Protection:** Often indicates a **TVS Diode** or **MOV** (Metal Oxide Varistor) used to clamp voltage spikes. * **Solar Context:** If used in renewable electronics, it refers to the DC-to-DC conversion stage. #### C. The "ML" Component (Passive Integration) * **MLCC:** These are the most common surface-mount parts. They provide decoupling (noise filtering) for high-speed microprocessors. --- ### 3. Contextual Usage in Industry Depending on the manufacturer, this string might appear in: 1. **PCB Silkscreen:** Labels directing a technician where to place specific modules. 2. **Part Numbering Schemes:** Companies like *Murata*, *TDK*, or *Vishay* use similar alpha-numeric strings to define tolerance, voltage rating, and packaging. 3. **Automation Logic:** In PLC (Programmable Logic Controller) programming, these could be tags for specific Input/Output addresses. --- ### Summary Table: Component Attributes | Attribute | Typical Value | Unit | | :--- | :--- | :--- | | **Voltage (PV/CX)** | 250V - 1000V | Volts (V) | | **Capacitance (ML/CE)** | 1nF - 1000uF | Farads (F) | | **Operating Temp** | -55 to +125 | Celsius (°C) |
    ✨ Follow-up Questions
    • ⤷ Is this code from a specific manufacturer's datasheet (e.g.
    • ⤷ Siemens or Murata)?
    • ⤷ Are you looking for the pinout of a specific module with this label?
    • ⤷ Does this refer to a specific PCB layout error or assembly instruction?