Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AMPLA5030Q-R33MT

  • AI
    The **AMPLA5030Q-R33MT** is a high-performance, molded power inductor typically used in automotive and industrial power management applications. It belongs to a class of surface-mount devices (SMD) designed for high current handling and low electromagnetic interference (EMI). --- ### 1. Key Technical Specifications | Parameter | Value/Range | Notes | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Measured at 100kHz, 1V | | **Inductance Tolerance** | ±20% (M) | Standard industry tolerance | | **Size Code** | 5030 (5.4 x 5.2 mm) | 3.0 mm Height | | **DC Resistance (DCR)** | ~2.1 mΩ (Max) | Minimizes power loss/heat | | **Saturation Current (Isat)** | ~25A - 30A | Current before inductance drops | | **Heat Rating Current (Irms)** | ~18A - 22A | Current causing 40°C temp rise | | **Operating Temp** | -55°C to +155°C | AEC-Q200 Grade 0/1 compatible | --- ### 2. Physical Construction & Composition The device is constructed using a **Metal Alloy Powder** core. This design offers several advantages over traditional ferrite drum cores: * **Shielded Construction:** The molded body acts as a natural magnetic shield, significantly reducing EMI/RFI leakage. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when saturated, the metal alloy powder provides a "soft" saturation curve, ensuring stability during current spikes. * **Lead-Frame Design:** The internal copper wire is welded directly to the lead frame, providing superior mechanical strength against vibration. --- ### 3. Part Number Breakdown (Example Logic) While naming conventions vary slightly by manufacturer (often associated with brands like Cyntec or Chilisin), the breakdown generally follows this logic: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AMPLA** | Series Name | Automotive-grade Molded Power Inductor | | **5030** | Dimensions | 5.0mm x 5.0mm footprint, 3.0mm height | | **Q** | Qualification | Often denotes AEC-Q200 Automotive Grade | | **R33** | Value | 0.33 microhenries (µH) | | **M** | Tolerance | ±20% | | **T** | Packaging | Tape and Reel | --- ### 4. Typical Applications Due to its high current capability and low profile, the R33 inductor is found in: * **DC/DC Converters:** Specifically high-frequency point-of-load (POL) converters. * **Automotive Electronics:** ADAS modules, Infotainment systems, and LED lighting drivers. * **Computing:** VRM (Voltage Regulator Modules) for CPUs and GPUs where space is limited but current demand is high.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal derating curves for the AMPLA5030Q series?
    • ⤷ How does the soft saturation of metal alloy powder compare to ferrite cores in circuit design?
    • ⤷ Are there recommended PCB footprint patterns for the 5030 package size?