Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AMS002-R

  • AI
    ### Overview of the AMS002-R (Bobcat LP) The **AMS002-R**, also known as the "Bobcat LP," is a low-power, standalone Wi-Fi module developed by Zentri (now part of Silicon Labs). It is designed to provide an easy-to-integrate solution for adding Wi-Fi connectivity to embedded systems without requiring complex network stacks on the host microcontroller. --- ### Core Electronic Components The module integrates several key electronic parts to manage wireless communication, power, and data processing: | Component | Description | | :--- | :--- | | **Microcontroller (MCU)** | An internal 32-bit ARM Cortex-M3 core that manages the Wi-Fi stack and ZentriOS firmware. | | **Wi-Fi Radio** | 802.11b/g/n radio operating in the 2.4GHz ISM band. | | **Memory** | Includes internal Flash for firmware storage and RAM for operational buffering. | | **Antenna System** | The **-R** suffix typically denotes a module with a **trace antenna** or an on-board chip antenna. | | **Power Management** | Integrated LDOs to support a wide supply voltage range (typically 1.8V to 3.6V). | --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 1.8V – 3.6V | | **Operating Current** | ~10mA (Active), < 1μA (Deep Sleep) | | **Interfaces** | UART (up to 10Mbps), SPI, I2C, GPIO, ADC | | **Data Rate** | Up to 72.2 Mbps (MCS7) | | **Operating Temp** | -40°C to +85°C | --- ### Functional Electronic Blocks #### 1. Communication Interfaces The module acts as a bridge. The host MCU communicates with the AMS002-R via **UART** or **SPI** using a simple command API (ZentriOS). This offloads the entire TCP/IP and TLS security overhead from the main processor. #### 2. Power States The electronics are optimized for battery-powered devices: * **Active Mode:** Full radio and CPU operation. * **Powersave Mode:** The radio stays connected to the AP but sleeps between beacons. * **Deep Sleep:** The module is effectively off, drawing minimal current, but can be woken by a GPIO pin or timer. #### 3. GPIO and Peripherals The module features several general-purpose pins that can be configured for: * **ADC:** Reading analog sensors directly. * **PWM:** Controlling LEDs or small motors. * **Status Indicators:** Dedicated pins for Wi-Fi connection status and data activity. --- ### Block Diagram Logic ```text [ Power In ] ----> [ LDO / Power Management ] | [ Host MCU ] <----> [ UART/SPI Interface ] <----> [ Cortex-M3 CPU ] | [ 802.11 b/g/n Radio ] | [ On-board Antenna ] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AMS001 and AMS002 models?
    • ⤷ How do I configure the AMS002-R using ZentriOS commands?
    • ⤷ What is the maximum throughput achievable over the UART interface?