Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AMS2911CD

  • AI
    ## AMS2911CD: Technical Overview The **AMS2911CD** (often associated with the Advanced Monolithic Systems line) is a specialized low-dropout (LDO) voltage regulator designed to provide high current with high efficiency. It is commonly used in power management for computer motherboards and industrial applications. --- ### 1. Key Technical Specifications The "CD" suffix usually denotes the package type (typically TO-252/DPAK) and the commercial temperature range. | Parameter | Typical Value | | :--- | :--- | | **Type** | Low Dropout (LDO) Linear Regulator | | **Output Current** | Up to 1.0A or 1.5A (variant dependent) | | **Output Voltage** | 3.3V (Fixed) or Adjustable | | **Dropout Voltage** | ~1.1V at max current | | **Input Voltage Range** | Up to 12V (recommended max) | | **Package Type** | TO-252 (DPAK) Surface Mount | --- ### 2. Functional Components The internal circuitry of the AMS2911CD consists of several critical electronic sections: 1. **Reference Voltage Source:** An internal bandgap reference that provides a stable voltage (usually 1.25V) to compare against the output. 2. **Error Amplifier:** Compares the output voltage (via a divider) to the reference. It adjusts the pass transistor to maintain the target voltage. 3. **Pass Transistor:** Typically an NPN or PNP power transistor that handles the load current. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts the device down if internal temperatures exceed safe limits. * **Current Limiting:** Protects the regulator from damage during a short circuit or excessive load. --- ### 3. Pin Configuration (TO-252 Package) The device typically follows the standard 3-pin regulator layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Adj / Ground** | Adjust pin for variable versions; Ground for fixed versions. | | **2 / Tab** | **Vout** | The regulated output voltage. The large metal tab is also Vout for heat sinking. | | **3** | **Vin** | The unregulated input voltage supply. | --- ### 4. Application Circuit Example For a fixed 3.3V output, the circuit is minimal, requiring only input and output capacitors for stability. ```text Input (Vin) ----[ AMS2911CD ]---- Output (Vout: 3.3V) | | [C1] [C2] (Capacitors for Stability) | | Ground Ground ``` * **C1 (Input):** 10µF Tantalum or Electrolytic (Recommended to filter line noise). * **C2 (Output):** 22µF Tantalum (Crucial for loop stability and transient response). --- ### 5. Common Use Cases * **Post-Regulators:** Used after switching power supplies to provide a "clean," low-noise DC voltage. * **Battery Powered Equipment:** Due to the low dropout characteristic, it maximizes battery life. * **Microcontroller Power:** Providing stable 3.3V rails for ARM or ESP32 modules.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the AMS2911CD?
    • ⤷ How does the AMS2911CD compare to the standard LM1117?
    • ⤷ What are the specific capacitor ESR requirements for stability?