Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ANT-2.4-CW-RCL-RPS

  • AI
    ## Technical Overview: ANT-2.4-CW-RCL-RPS The **ANT-2.4-CW-RCL-RPS** is a high-performance, compact "rubber duck" style antenna manufactured by **Linx Technologies** (now part of TE Connectivity). It is specifically designed for 2.4 GHz ISM band applications. --- ### 1. Key Electronic Specifications The performance of this antenna is defined by its ability to radiate and receive electromagnetic energy within the 2.4 GHz spectrum efficiently. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Center Frequency** | 2.45 GHz | | **VSWR** | ≤ 1.9 | | **Peak Gain** | 1.1 dBi | | **Impedance** | 50 $\Omega$ | | **Polarization** | Linear (Vertical) | | **Radiation Pattern** | Omnidirectional | | **Wavelength** | 1/2-Wave Dipole | --- ### 2. Internal Electronic Design Unlike shorter Monopole antennas that require a large ground plane to function, the **ANT-2.4-CW-RCL-RPS** is a **1/2-wave dipole**. * **Internal Radiator:** It contains an internal conductive element precisely cut to half the wavelength of the 2.4 GHz signal (approx. 6 cm). * **Ground Plane Independence:** Because it is a 1/2-wave design, it is relatively independent of the device's ground plane, providing consistent performance across different enclosures. * **RF Connector:** The "RPS" in the part number indicates an **RP-SMA (Reverse Polarity SMA)** male connector. This is standard for Wi-Fi equipment to comply with FCC Part 15 regulations. --- ### 3. Structural Components The physical build ensures durability and signal integrity: 1. **Radiating Element:** Usually a copper or brass alloy coil/wire encapsulated in the housing. 2. **Right-Angle Overmold:** The "RCL" indicates a fixed right-angle rugged plastic housing, which is ideal for side-mounting on gateways or routers. 3. **Dielectric Material:** High-quality polycarbonate/ABS UV-stabilized plastic that protects the element without interfering with the RF signal. --- ### 4. Common Applications * **Wi-Fi / WLAN:** 802.11b/g/n systems. * **Bluetooth:** BLE and standard Bluetooth audio/data. * **ZigBee:** Smart home and industrial sensor networks. * **ISM Band:** General 2.4 GHz proprietary wireless links. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RP-SMA and a standard SMA connector for this antenna?
    • ⤷ How does the 1/2-wave design affect the radiation pattern compared to a 1/4-wave monopole?
    • ⤷ Can this antenna be used for 5 GHz Wi-Fi applications?