Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AOW102-R

  • AI
    The **AOW102-R** is a specific electronic component, typically categorized as a **High-Voltage Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is manufactured by Alpha & Omega Semiconductor (AOS) and is designed for efficient power switching and conversion. --- ### 1. Key Technical Specifications The AOW102-R belongs to the "AlphaMOS" technology family, which focuses on low on-resistance and high switching speeds. | Parameter | Value/Description | | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 600V - 700V (approx.) | | **Continuous Drain Current ($I_D$)** | ~2A - 4A (Subject to thermal limits) | | **On-Resistance ($R_{DS(on)}$)** | Low Resistance (Typically < 1.0 $\Omega$) | | **Package Type** | TO-262 (I2PAK) or TO-220F | | **Technology** | AlphaMOS (High Voltage) | ### 2. Functional Characteristics * **High Speed Switching:** Designed to toggle between "On" and "Off" states rapidly, reducing power loss during the transition. * **Low Gate Charge ($Q_g$):** Requires very little energy from the driver circuit to turn the transistor on, making it compatible with low-power controller ICs. * **Avalanche Ruggedness:** Capable of handling unexpected voltage spikes without immediate failure, which is critical in inductive load switching. * **RoHS Compliant:** The "-R" suffix often indicates compliance with environmental standards (Restriction of Hazardous Substances). ### 3. Pinout Configuration For the standard TO-262/TO-220 package, the pinout is generally as follows: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** Connected to the high-voltage load. 3. **Source (S):** Usually connected to the ground or common return. ### 4. Common Applications The AOW102-R is found in power management circuits where high voltage must be controlled with high efficiency: * **LED Lighting Drivers:** Switching the high-voltage AC mains to DC for LED strips. * **Power Supplies (SMPS):** Used in the primary side of AC/DC adapters for laptops or televisions. * **Chargers:** Small-form-factor battery chargers. * **PFC (Power Factor Correction):** Used to improve the efficiency of power delivery in industrial equipment. --- ### 5. Identification Code Breakdown | Component Part | Meaning | | :--- | :--- | | **AO** | Alpha & Omega Semiconductor | | **W** | Package/Series Designation | | **102** | Device Identifier/Current Rating | | **-R** | Lead-free / RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷What is the exact maximum Drain-Source Voltage (Vds) for the AOW102-R?
    • ⤷ Can the AOW102-R be substituted with a TO-220 package MOSFET?
    • ⤷ What are the thermal management requirements for this component?