Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AOW296

  • AI
    The **AOW296** is a high-performance N-Channel Enhancement Mode Field Effect Transistor (MOSFET) commonly used in power management and switching applications. It is manufactured by Alpha & Omega Semiconductor (AOS). --- ## Technical Specifications The following table highlights the primary electrical characteristics of the AOW296: | Parameter | Symbol | Maximum Rating | | :--- | :---: | :--- | | Drain-Source Voltage | $V_{DS}$ | 100 V | | Continuous Drain Current | $I_{D}$ | 67 A | | Gate-Source Voltage | $V_{GS}$ | ±20 V | | On-Resistance (at $V_{GS}=10V$) | $R_{DS(ON)}$ | < 10.5 mΩ | | Total Gate Charge | $Q_{g}$ | 38 nC (typ) | | Power Dissipation | $P_{D}$ | 125 W | --- ### Key Features * **Low $R_{DS(ON)}$:** Provides high efficiency by minimizing power loss during conduction. * **AOS Advanced Power Trench Technology:** This technology optimizes the trade-off between switching speed and conduction loss. * **Ruggedness:** Designed to handle high avalanche energy, making it suitable for demanding industrial environments. * **Package Type:** Typically available in the **TO-262** (I2PAK) or **TO-220** package, which allows for efficient heat dissipation. ### Common Applications 1. **DC/DC Converters:** Used in power supplies for computing and telecommunications. 2. **Motor Control:** Ideal for brushless DC (BLDC) motor drives due to high current handling. 3. **Synchronous Rectification:** Used in the secondary side of AC/DC power supplies. 4. **Load Switching:** Efficiently manages power flow in battery-powered systems. --- ## Pin Configuration (TO-262 / TO-220) For most power MOSFETs in these packages, the pinout follows the standard sequence: 1. **Gate (G):** Used to control the switching state of the MOSFET. 2. **Drain (D):** The terminal where the current enters the device; typically connected to the metal tab. 3. **Source (S):** The terminal where the current exits.
    ✨ Follow-up Questions
    • What is the thermal resistance (RthJC) of the AOW296?
    • Can the AOW296 be driven by a 5V logic level gate signal?
    • What are the recommended heat sink mounting practices for the TO-262 package?