Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AOW301-R

  • AI
    The **AOW301-R** is an **Active Optical Cable (AOC)** designed primarily for high-speed data transmission over long distances, commonly used in professional audio-visual (AV) setups, specifically for **HDMI 2.0** signals. --- ## 1. Core Component Breakdown Unlike standard copper cables, the AOW301-R is a hybrid electronic device. It converts electrical signals into light (photons) and back again. | Component | Description | Function | | :--- | :--- | :--- | | **VCSEL Laser** | Vertical-Cavity Surface-Emitting Laser | Converts electrical data into infrared light signals. | | **Photodiode** | Optical Receiver | Located at the "Display" end to convert light back into electricity. | | **Chipset (COB)** | Chip-on-Board processing | Manages signal equalization and protocol handshake (EDID/HDCP). | | **Optical Fiber** | OM3 Multimode Fiber | The medium for high-speed data (TMDS channels). | | **Copper Wires** | Insulated Copper | Handles low-speed signals (CEC, HEAC) and power delivery. | --- ## 2. Electrical Specifications The AOW301-R is engineered to maintain signal integrity without the need for external power supplies, drawing current directly from the source device. ### Key Performance Metrics * **Bandwidth:** 18Gbps (Supports 4K @ 60Hz 4:4:4). * **Power Consumption:** Typically $\le 250$mW. * **EMI/RFI Resistance:** Extremely high. Because the high-speed data travels via light, it is immune to electromagnetic interference. * **Signal Directionality:** **Directional**. The cable has a specific "Source" (Input) and "Display" (Output) end due to the internal unidirectional laser/sensor configuration. --- ## 3. The Hybrid Architecture The electronic architecture follows a hybrid design to balance speed and compatibility: 1. **High-Speed Channels (TMDS):** These are converted by the internal circuitry into optical signals to prevent attenuation (signal loss) over long distances (up to 100 meters). 2. **Low-Speed Channels (DDC/CEC):** These remain on copper wiring. This allows the "Handshake" between the TV and the Computer to happen natively without complex conversion. --- ## 4. Typical Applications * **Medical Imaging:** High-resolution displays in operating rooms. * **Digital Signage:** Large-scale displays in airports or malls. * **Home Theater:** Long-run connections where copper cables would fail or require bulky boosters. ---
    ✨ Follow-up Questions
    • ⤷ Does the AOW301-R require an external power supply to function?
    • ⤷ What is the maximum distance supported by this specific AOC model?
    • ⤷ Can this cable be used bi-directionally?