Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AOZ9511QV

  • AI
    ## Overview of AOZ9511QV The **AOZ9511QV** is a high-efficiency, integrated power stage module (often referred to as a Smart Power Stage or DrMOS) manufactured by **Alpha & Omega Semiconductor (AOS)**. It is primarily designed for high-performance multiphase voltage regulators used in modern CPUs, GPUs, and DDR memory power supplies. --- ### 1. Key Internal Components The AOZ9511QV integrates several electronic functions into a single QFN package to minimize parasitic inductance and improve efficiency: | Component | Description | | :--- | :--- | | **High-Side MOSFET** | Optimized for fast switching transitions to reduce switching losses. | | **Low-Side MOSFET** | Designed with very low $R_{DS(ON)}$ to minimize conduction losses. | | **Gate Driver** | High-current drivers designed to switch the MOSFETs rapidly. | | **Bootstrap Switch** | An internal diode/switch for the high-side gate drive supply. | | **Temperature Sensor** | Integrated thermal monitoring for system protection. | --- ### 2. Technical Specifications The device is built to handle high current density in a compact form factor. Below are the typical electrical characteristics: * **Input Voltage Range ($V_{IN}$):** Typically supports $4.5\text{V}$ to $18\text{V}$. * **Continuous Output Current:** Capable of delivering up to **60A** (depending on thermal conditions). * **PWM Logic:** Compatible with $3.3\text{V}$ and $5\text{V}$ PWM logic levels. * **Switching Frequency:** Optimized for high-frequency operation (up to $2\text{MHz}$). * **Protection Features:** Includes Over-Temperature Protection (OTP) and Fault reporting. --- ### 3. Pin Configuration & Functions The AOZ9511QV uses a specialized QFN package to enhance thermal dissipation. Key pins include: 1. **VIN:** Input power source for the power stage. 2. **VSWH (Switch Node):** The output of the MOSFET bridge connected to the external inductor. 3. **PWM:** The input signal from the controller that determines the switching state. 4. **VCC / PVCC:** Logic and driver supply voltage. 5. **BOOT:** Connection for the bootstrap capacitor to drive the High-Side MOSFET. 6. **IMON / TMON:** Current and Temperature monitoring outputs. --- ### 4. Circuit Implementation Example In a typical application, the AOZ9511QV acts as the "muscle" for a PWM controller. ```markdown [PWM Controller] ----> [PWM Pin] AOZ9511QV [VSWH Pin] ----> [Inductor] ----> [Vout] | ^ [PVCC] [BOOT Cap] ``` ### 5. Benefits of the AOZ9511QV * **Reduced PCB Space:** By integrating drivers and FETs, it replaces 3-4 discrete components. * **Thermal Efficiency:** The exposed pad design allows for direct soldering to the PCB ground plane for heat sinking. * **Accuracy:** Integrated current sensing provides more accurate telemetry to the controller compared to DCR sensing. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the AOZ9511QV at full 60A load?
    • ⤷ How does the AOZ9511QV compare to the AOZ9530QV model?
    • ⤷ What are the recommended values for the bootstrap capacitor in this circuit?